Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC6C598 Datasheet (PDF) - Texas Instruments

TLC6C598 Datasheet PDF - Texas Instruments
Part # TLC6C598
Download  TLC6C598 Download
File Size   553.03 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC6C598 8-Bit Shift-Register LED Driver

TLC6C598 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC6C598 Datasheet PDF - Texas Instruments

Part # TLC6C598
Download  TLC6C598 Click to download

File Size   553.03 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC6C598 8-Bit Shift-Register LED Driver

TLC6C598 Datasheet (HTML) - Texas Instruments


TLC6C598 Product details

1 Features
1• Wide VCC From 3 V to 5.5 V
• Output Maximum Rating of 40 V
• Eight Power DMOS Transistor Outputs of 50-mA
Continuous Current With VCC = 5 V or 200-mA
PWM Current With Single-Pulse Duration Less
Than 1 ms and Average Current Less Than
50 mA
• Thermal Shutdown Protection
• Enhanced Cascading for Multiple Stages
• All Registers Cleared With Single Input
• Low Power Consumption
• Slow Switching Time (tr and tf), Which Helps
Significantly With Reducing EMI
• 16-Pin TSSOP-PW Package

2 Applications
• Appliance Display Panel
• Elevator Display Panel
• PLC Function Indicator
• Seven-Segment Display

3 Description
The TLC6C598 device is a monolithic, mediumvoltage,
low-current power 8-bit shift register
designed for use in systems that require relatively
moderate load power, such as LEDs.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Separate clocks are provided for both the
shift and storage register. Outputs are low-side, opendrain
DMOS transistors with output ratings of 40 V
and 50 mA continuous sink-current OR 200-mA PWM
current with single-pulse duration less than 1 ms and
average current less than 50 mA capabilities when
VCC = 5 V. The device contains built-in thermal
shutdown protection and provides up to 2000 V of
ESD protection when tested using the human-body
model and the 200 V machine model.
The TLC6C598 characterization is for operation over
the operating ambient temperature range of −40°C to
105°C.




Similar Part No. - TLC6C598

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598 TI1-TLC6C598 Datasheet
903Kb / 23P
TLC6C598 8-Bit Shift-Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TLC6C598-Q1 TI1-TLC6C598-Q1 Datasheet
528Kb / 24P
Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI2-TLC6C598-Q1 Datasheet
649Kb / 25P
TLC6C598-Q1 Power Logic 8-Bit Shift Register LED Driver
REVISED SEPTEMBER 2016
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
Power Logic 8-Bit Shift Register LED Driver
More results


Similar Description - TLC6C598

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
8-bit shift register and latch driver
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
logo
Texas Instruments
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
Power Logic 8-Bit Shift Register LED Driver
TLC6C598 TI1-TLC6C598 Datasheet
903Kb / 23P
TLC6C598 8-Bit Shift-Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
Power Logic 8-Bit Shift Register LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com