Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT00A Datasheet (PDF) - STMicroelectronics

74VHCT00A Datasheet PDF - STMicroelectronics
Part # 74VHCT00A
Download  74VHCT00A Download
File Size   53.06 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NAND GATE

74VHCT00A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT00A Datasheet PDF - STMicroelectronics

Part # 74VHCT00A
Download  74VHCT00A Click to download

File Size   53.06 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NAND GATE

74VHCT00A Datasheet (HTML) - STMicroelectronics


74VHCT00A Product details

DESCRIPTION
The 74VHCT00A is an advanced high-speed CMOS QUAD 2-INPUT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output. Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V.

■ HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC =2 µA (MAX.) at TA = 25℃
■ COMPATIBLEWITH TTL OUTPUTS: VIH = 2V (MIN), VIL = 0.8V(MAX)
■ POWERDOWN PROTECTIONON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE: VCC (OPR)= 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 00
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V(Max.)




Similar Part No. - 74VHCT00A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT00A FAIRCHILD-74VHCT00A Datasheet
76Kb / 8P
Quad 2-Input NAND Gate
logo
STMicroelectronics
74VHCT00A STMICROELECTRONICS-74VHCT00A Datasheet
222Kb / 11P
QUAD 2-INPUT NAND GATE
16-Dec-2004
logo
ON Semiconductor
74VHCT00A ONSEMI-74VHCT00A Datasheet
226Kb / 8P
Quad 2-Input NAND Gate
December 2007 Rev. 1.4.0
logo
Toshiba Semiconductor
74VHCT00AFT TOSHIBA-74VHCT00AFT Datasheet
153Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
Fairchild Semiconductor
74VHCT00AM FAIRCHILD-74VHCT00AM Datasheet
76Kb / 8P
Quad 2-Input NAND Gate
More results


Similar Description - 74VHCT00A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com