Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12LF1840T39A Datasheet (PDF) - Microchip Technology

PIC12LF1840T39A Datasheet PDF - Microchip Technology
Part # PIC12LF1840T39A_V01
Download  PIC12LF1840T39A Download
File Size   6461.1 Kbytes
Page   382 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit Flash Microcontroller with XLP Technology

PIC12LF1840T39A Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12LF1840T39A Datasheet PDF - Microchip Technology

Part # PIC12LF1840T39A_V01
Download  PIC12LF1840T39A Click to download

File Size   6461.1 Kbytes
Page   382 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit Flash Microcontroller with XLP Technology

PIC12LF1840T39A Datasheet (HTML) - Microchip Technology


PIC12LF1840T39A Product details

Low-Power Features:
• Standby Current:
- 170 nA @ 1.8V, typical, RF Sleep
• Operating Current:
- 35 μA @ 1 MHz, 1.8V, RF Sleep, typical
- 9 mA @ 1 MHz, 1.8V, RF on at 0 dBm, typical
- 16.5 mA @ 1 MHz, 1.8V, RF on at +10 dBm,
typical
• Low-Power Watchdog Timer Current:
- 500 nA @ 3.0V, typical

Analog Features:
• Analog-to-Digital Converter (ADC) module:
- 10-bit resolution, four channels
- Conversion available during Sleep
• Analog Comparator module:
- One rail-to-rail analog comparator
- Power mode control
- Software controllable hysteresis
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V
and 2.048V output levels
- 5-bit rail-to-rail resistive DAC with positive
and negative reference selection

Peripheral Features:
• Five I/O Pins and one Input Only Pin:
- High-current sink/source 25 mA/25 mA
- Programmable weak pull-ups
- Programmable interrupt-on-change pins
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Dedicated, low-power 32 kHz oscillator driver
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler




Similar Part No. - PIC12LF1840T39A_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1840T39A-I/SS MICROCHIP-PIC12LF1840T39A-I/SS Datasheet
1Mb / 50P
Wireless Security Remote Control Development Kit User?셲 Guide
2012
More results


Similar Description - PIC12LF1840T39A_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
41594B MICROCHIP-41594B Datasheet
3Mb / 372P
8-Bit Flash Microcontroller with nanoWatt XLP Technology
2011-2012
PIC16LF1508 MICROCHIP-PIC16LF1508 Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1508 MICROCHIP-PIC16F1508 Datasheet
6Mb / 422P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV16KM204 MICROCHIP-PIC24FV16KM204 Datasheet
3Mb / 336P
General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
11/29/12 2013
PIC12F1840 MICROCHIP-PIC12F1840_12 Datasheet
6Mb / 410P
8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC18F97J94 MICROCHIP-PIC18F97J94_12 Datasheet
10Mb / 696P
8-Bit LCD Flash Microcontroller with USB and XLP Technology
11/29/11
PIC16F1508-I MICROCHIP-PIC16F1508-I Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509-E MICROCHIP-PIC16F1509-E Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509-ESO MICROCHIP-PIC16F1509-ESO Datasheet
6Mb / 418P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12
PIC16LF1554 MICROCHIP-PIC16LF1554 Datasheet
3Mb / 340P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
05/14/19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com