Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F527 Datasheet (PDF) - Microchip Technology

PIC16F527 Datasheet PDF - Microchip Technology
Part # PIC16F527_V01
Download  PIC16F527 Download
File Size   2765.62 Kbytes
Page   134 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin, 8-Bit Flash Microcontroller

PIC16F527 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F527 Datasheet PDF - Microchip Technology

Part # PIC16F527_V01
Download  PIC16F527 Click to download

File Size   2765.62 Kbytes
Page   134 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin, 8-Bit Flash Microcontroller

PIC16F527 Datasheet (HTML) - Microchip Technology


PIC16F527 Product details

Processor Features:
• Interrupt Capability
• PIC16F527 Operating Speed:
- DC – 20 MHz Crystal oscillator
- DC – 200 ns Instruction cycle
• High Endurance Program and Flash Data
Memory Cells:
- 1024 x 12 user execution memory
- 64 x 8 self-writable data memory
- 100,000 write program memory endurance
- 1,000,000 write Flash data memory
endurance
- Program and Flash data retention: >40 years
• General Purpose Registers (SRAM):
- 68 x 8 for PIC16F527
• Only 36 Single-Word Instructions to Learn:
- Added RETURN and RETFIE instructions
- Added MOVLB instruction
• All Instructions are Single-Cycle except for
Program Branches which are Two-Cycle
• Four-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
for Data and Instructions

Peripheral Features:
• Device Features:
- One Input-only pin
- 17 I/Os
- Individual direction control
- High-current source/sink
• 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit
Programmable Prescaler
• In-Circuit Serial Programming™ (ICSP™) via Two
External Pin Connections
• Analog Comparator (CMP):
- Two analog comparators
- Absolute and programmable references
• Analog-to-Digital Converter (ADC):
- 8-bit resolution
- Eight external input channels
- One internal channel to convert comparator
- 0.6V reference input
• Operational Amplifiers (op amps):
- Two operational amplifiers
- Fully-accessible visibility

Microcontroller Features:
• Brown-out Reset (BOR)
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with a Dedicated RC
Oscillator
• Programmable Code Protection (CP)
• Power-Saving Sleep mode with Wake-up on
Change Feature
• Selectable Oscillator Options:
- INTOSC: Precision 4 or 8 MHz internal
oscillator
- EXTRC: Low-cost external RC oscillator
- LP: Power-saving, low-frequency crystal
- XT: Standard crystal/resonator
- HS: High-speed crystal/resonator
- EC: High-speed external clock
• Variety of Packaging Options:
- 20-Lead PDIP, SOIC, SSOP, QFN, UQFN




Similar Part No. - PIC16F527_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
20-Pin, 8-Bit Flash Microcontroller
11/29/11
More results


Similar Description - PIC16F527_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
14-Pin, 8-Bit Flash Microcontroller
2010
PIC16F570 MICROCHIP-PIC16F570 Datasheet
2Mb / 134P
28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
logo
Micon Design Technology...
PIC16F1829LIN MDTIC-PIC16F1829LIN Datasheet
1Mb / 74P
20-Pin, 8-bit Flash LIN/J2602 Microcontroller
logo
Microchip Technology
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
20-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com