Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0827035 Datasheet (PDF) - PHOENIX CONTACT

0827035 Datasheet PDF - PHOENIX CONTACT
Part # 0827035
Download  0827035 Download
File Size   196.26 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMT (12X4) RD CUS - Cable marker

0827035 Datasheet (PDF)

Go To PDF Page Download Datasheet
0827035 Datasheet PDF - PHOENIX CONTACT

Part # 0827035
Download  0827035 Click to download

File Size   196.26 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMT (12X4) RD CUS - Cable marker

0827035 Datasheet (HTML) - PHOENIX CONTACT


0827035 Product details

Cable marker, can be ordered: by sheet, red, labeled according to customer specifications, cable
diameter range: 0.6 ... 10 mm, mounting type: insert, Number of individual labels: 32, text field
height: 4 mm, text field width: 12 mm




Similar Part No. - 0827035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0827033 PHOENIX-0827033 Datasheet
188Kb / 6P
UC-WMT (12X4) CUS - Cable marker
0827036 PHOENIX-0827036 Datasheet
195Kb / 6P
UC-WMT (12X4) OG CUS - Cable marker
0827037 PHOENIX-0827037 Datasheet
191Kb / 6P
UC-WMT (12X4) YE CUS - Cable marker
0827038 PHOENIX-0827038 Datasheet
184Kb / 5P
UC-WMT (12X4) VT CUS - Cable marker
0827039 PHOENIX-0827039 Datasheet
196Kb / 6P
UC-WMT (12X4) BU CUS - Cable marker
More results


Similar Description - 0827035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824585 PHOENIX-0824585 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 RD CUS
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824593 PHOENIX-0824593 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 RD CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0824630 PHOENIX-0824630 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 4 CUS
0824678 PHOENIX-0824678 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 16 CUS
0824938 PHOENIX-0824938 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/RD CUS
0824972 PHOENIX-0824972 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/RD CUS
0824985 PHOENIX-0824985 Datasheet
50Kb / 2P
Zack marker strip - ZB 6/RD CUS
0825004 PHOENIX-0825004 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/RD CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com