Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0829034 Datasheet (PDF) - PHOENIX CONTACT

0829034 Datasheet PDF - PHOENIX CONTACT
Part # 0829034
Download  0829034 Download
File Size   191.66 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMCO 1,6 (12X3) BU CUS - Conductor marker

0829034 Datasheet (PDF)

Go To PDF Page Download Datasheet
0829034 Datasheet PDF - PHOENIX CONTACT

Part # 0829034
Download  0829034 Click to download

File Size   191.66 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMCO 1,6 (12X3) BU CUS - Conductor marker

0829034 Datasheet (HTML) - PHOENIX CONTACT


0829034 Product details

Conductor marker, can be ordered: by sheet, blue, labeled according to customer specifications,
cable diameter range: 1.3 ... 1.6 mm, mounting type: slide-on, Number of individual labels: 40,
text field height: 3 mm, text field width: 12 mm




Similar Part No. - 0829034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829032 PHOENIX-0829032 Datasheet
186Kb / 5P
UC-WMCO 1,6 (12X3) CUS - Conductor marker
0829033 PHOENIX-0829033 Datasheet
190Kb / 5P
UC-WMCO 1,6 (12X3) YE CUS - Conductor marker
0829035 PHOENIX-0829035 Datasheet
189Kb / 5P
UC-WMCO 1,6 (12X3) GN CUS - Conductor marker
0829036 PHOENIX-0829036 Datasheet
191Kb / 5P
UC-WMCO 1,6 (12X3) RD CUS - Conductor marker
0829037 PHOENIX-0829037 Datasheet
192Kb / 5P
UC-WMCO 1,6 (12X3) OG CUS - Conductor marker
More results


Similar Description - 0829034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824630 PHOENIX-0824630 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 4 CUS
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824678 PHOENIX-0824678 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 16 CUS
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com