Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0829044 Datasheet (PDF) - PHOENIX CONTACT

0829044 Datasheet PDF - PHOENIX CONTACT
Part # 0829044
Download  0829044 Download
File Size   191.58 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMCO 1,6 (21X3) OG CUS - Conductor marker

0829044 Datasheet (PDF)

Go To PDF Page Download Datasheet
0829044 Datasheet PDF - PHOENIX CONTACT

Part # 0829044
Download  0829044 Click to download

File Size   191.58 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMCO 1,6 (21X3) OG CUS - Conductor marker

0829044 Datasheet (HTML) - PHOENIX CONTACT


0829044 Product details

Conductor marker, can be ordered: by sheet, orange, labeled according to customer
specifications, cable diameter range: 1.3 ... 1.6 mm, mounting type: slide-on, Number of
individual labels: 40, text field height: 3 mm, text field width: 21 mm




Similar Part No. - 0829044

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829040 PHOENIX-0829040 Datasheet
189Kb / 5P
UC-WMCO 1,6 (21X3) YE CUS - Conductor marker
0829041 PHOENIX-0829041 Datasheet
190Kb / 5P
UC-WMCO 1,6 (21X3) BU CUS - Conductor marker
0829042 PHOENIX-0829042 Datasheet
189Kb / 5P
UC-WMCO 1,6 (21X3) GN CUS - Conductor marker
0829043 PHOENIX-0829043 Datasheet
191Kb / 5P
UC-WMCO 1,6 (21X3) RD CUS - Conductor marker
0829045 PHOENIX-0829045 Datasheet
186Kb / 5P
UC-WMCO 1,6 (21X3) VT CUS - Conductor marker
More results


Similar Description - 0829044

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824584 PHOENIX-0824584 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 OG CUS
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0824630 PHOENIX-0824630 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 4 CUS
0824654 PHOENIX-0824654 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 8 CUS
0824678 PHOENIX-0824678 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 16 CUS
0824936 PHOENIX-0824936 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/OG CUS
0825002 PHOENIX-0825002 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/OG CUS
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com