Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3196 Datasheet (PDF) - Adafruit Industries

3196 Datasheet PDF - Adafruit Industries
Part # 3196
Download  3196 Download
File Size   451.21 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Zero LiPo

3196 Datasheet (PDF)

Go To PDF Page Download Datasheet
3196 Datasheet PDF - Adafruit Industries

Part # 3196
Download  3196 Click to download

File Size   451.21 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Zero LiPo

3196 Datasheet (HTML) - Adafruit Industries


3196 Product details

o 0.8mm thick PCB
o Shaped to sit as low as possible on the Raspberry Pi 3, 2, Zero, A+, B+
o 2-pole JST connector ideal for most LiPo/LiIon batteries
o Power and low battery LED indicators
o Supplies up to 1.5A continuous current
o Low battery warning at 3.4V (assets GPIO #4 high)
o Automatic shutdown at 3.0V to protect your battery
o VBAT+, GND, and EN pins available to break out
o 15uA quiescent current




Similar Part No. - 3196

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3196 ASM-SENSOR-3196 Datasheet
1Mb / 12P
POWER QUALITY ANALYZER
logo
List of Unclassifed Man...
3196 ETC2-3196 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
3196 KEYSTONE-3196 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
KR Electronics, Inc.
3196-19-SMA KR-3196-19-SMA Datasheet
100Kb / 3P
19 MHz Bandpass
3196-25-SMA KR-3196-25-SMA Datasheet
100Kb / 3P
25 MHz Bandpass
More results


Similar Description - 3196

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14037 SPARKFUN-DEV-14037 Datasheet
126Kb / 1P
Pimoroni Unicorn HAT
DEV-14038 SPARKFUN-DEV-14038 Datasheet
107Kb / 1P
Pimoroni Blinkt!
DEV-14039 SPARKFUN-DEV-14039 Datasheet
92Kb / 1P
Pimoroni Explorer HAT Pro
DEV-14040 SPARKFUN-DEV-14040 Datasheet
117Kb / 1P
Pimoroni Display?륮?륳ron HAT
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
Li-ion and LiPo battery charger with LDO
logo
SparkFun Electronics
PRT-10217 SPARKFUN-PRT-10217 Datasheet
99Kb / 1P
SparkFun LiPo Charger Basic - Micro-USB
10/9/2015
PRT-10401 SPARKFUN-PRT-10401 Datasheet
103Kb / 1P
SparkFun LiPo Charger Basic - Mini-USB
10/9/2015
PRT-14380 SPARKFUN-PRT-14380 Datasheet
115Kb / 2P
SparkFun Adjustable LiPo Charger
PRT-14411 SPARKFUN-PRT-14411 Datasheet
94Kb / 2P
SparkFun LiPo Charger/Booster ??5V/1A
PRT-15217 SPARKFUN-PRT-15217 Datasheet
152Kb / 2P
SparkFun LiPo Charger Plus
6??2??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com