Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3289 Datasheet (PDF) - Adafruit Industries

3289 Datasheet PDF - Adafruit Industries
Part # 3289
Download  3289 Download
File Size   205.37 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Automation HAT for Raspberry Pi

3289 Datasheet (PDF)

Go To PDF Page Download Datasheet
3289 Datasheet PDF - Adafruit Industries

Part # 3289
Download  3289 Click to download

File Size   205.37 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Automation HAT for Raspberry Pi

3289 Datasheet (HTML) - Adafruit Industries


3289 Product details

o 3 x 24V @ 2A relay (NC and NO terminals)
o 3 x 12-bit ADC @ 0-24V
o 3 x 24V tolerant buffered inputs
o 3 x 24V tolerant sinking outputs
o 15 x channel indicator LEDs
o 1 x 12-bit ADC @ 0-3.3V
o 3.5mm screw terminals
o Power, Comms, and Warn! LED indicators
o HAT EEPROM
o SPI interface
o Extra GPIO: TX (#14), RX (#15), #25




Similar Part No. - 3289

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3289 POMONA-3289 Datasheet
22Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
3289-0 POMONA-3289-0 Datasheet
22Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
3289-2 POMONA-3289-2 Datasheet
22Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
logo
Greenlee Communications
32891 GREENLEE-32891 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
TE Connectivity Ltd
328975 TEC-328975 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
More results


Similar Description - 3289

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14037 SPARKFUN-DEV-14037 Datasheet
126Kb / 1P
Pimoroni Unicorn HAT
DEV-14039 SPARKFUN-DEV-14039 Datasheet
92Kb / 1P
Pimoroni Explorer HAT Pro
DEV-14040 SPARKFUN-DEV-14040 Datasheet
117Kb / 1P
Pimoroni Display?륮?륳ron HAT
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com