Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3352 Datasheet (PDF) - Adafruit Industries

3352 Datasheet PDF - Adafruit Industries
Part # 3352
Download  3352 Download
File Size   441.15 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Automation pHAT for Raspberry Pi Zero

3352 Datasheet (PDF)

Go To PDF Page Download Datasheet
3352 Datasheet PDF - Adafruit Industries

Part # 3352
Download  3352 Click to download

File Size   441.15 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Automation pHAT for Raspberry Pi Zero

3352 Datasheet (HTML) - Adafruit Industries


3352 Product details

o 1 x 24V @ 2A relay (NC and NO terminals)
o 3 x 12-bit ADC @ 0-24V
o 3 x 24V tolerant buffered inputs
o 3 x 24V tolerant sinking outputs
o 3.5mm screw terminals
o SPI pins broken out
o Compatible with Raspberry Pi 3, 2, B+, A+, and Zero
o Python library
o Female header and broken out pins require soldering




Similar Part No. - 3352

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352 Datasheet
93Kb / 1P
3/8 Round Trimming Potentiometer
logo
Pomona Electronics
3352 POMONA-3352 Datasheet
65Kb / 2P
PJ-051 (WE310) Phone Plug To Alligator Clips
logo
List of Unclassifed Man...
3352 ETC2-3352 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3352 ETC2-3352 Datasheet
68Kb / 1P
WASHERS
3352 ETC-3352 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
More results


Similar Description - 3352

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com