Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3514 Datasheet (PDF) - Adafruit Industries

3514 Datasheet PDF - Adafruit Industries
Part # 3514
Download  3514 Download
File Size   317.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Espruino WiFi

3514 Datasheet (PDF)

Go To PDF Page Download Datasheet
3514 Datasheet PDF - Adafruit Industries

Part # 3514
Download  3514 Click to download

File Size   317.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Espruino WiFi

3514 Datasheet (HTML) - Adafruit Industries


3514 Product details

o 30mm x 23mm (1.2 x 0.9 inch)
o On-board Micro USB connector
o 2 rows of 11 0.1" pins, with 2 extra 0.1" holes
o 21 GPIO pins : 8 Analog inputs, 20 PWM, 1 Serial, 3 SPI, 3 I2C
o Three on-board LEDs (2x user programmable, 1x WiFi activity) and one button.
o STM32F411CEU6 32-bit 100MHz ARM Cortex M4 CPU, 512kb flash, 128kb RAM
o ESP8266 WiFi (802.11 b/g/n)
o All GPIO is 5 volt tolerant (Arduino compatible)
o RTC with external oscillator
o On-board 3.3v 250mA voltage regulator, accepts voltages from 3.5v to 5v
o Current draw in sleep: < 0.05mA - over 2.5 years on a 2500mAh battery
o 500mA polyfuse on board




Similar Part No. - 3514

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3514 ETC2-3514 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
ITT Industries
351400000 ITT-351400000 Datasheet
671Kb / 8P
Thumbwheel Switches
logo
C&K Components
351400000 CK-COMPONENTS-351400000 Datasheet
387Kb / 8P
Thumbwheel Switches
logo
ITT Industries
351400001 ITT-351400001 Datasheet
671Kb / 8P
Thumbwheel Switches
351400002 ITT-351400002 Datasheet
671Kb / 8P
Thumbwheel Switches
More results


Similar Description - 3514

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SH0319E PULSE-SH0319E Datasheet
470Kb / 5P
WIFI ANTENNA
logo
Raltron Electronics Cor...
RDP-GS-P-255-MMCX-3000-G RALTRON-RDP-GS-P-255-MMCX-3000-G Datasheet
223Kb / 2P
WiFi ANTENNA
RPC-W2-P-35-70-G RALTRON-RPC-W2-P-35-70-G Datasheet
213Kb / 2P
WiFi ANTENNA
RST-W2-P-67-SMA-G RALTRON-RST-W2-P-67-SMA-G Datasheet
156Kb / 2P
WiFi ANTENNA
RST-8002200-P-51-SMAM-H RALTRON-RST-8002200-P-51-SMAM-H Datasheet
114Kb / 1P
WiFi ANTENNA
RST-2400-P-190-IPEX-H RALTRON-RST-2400-P-190-IPEX-H Datasheet
117Kb / 1P
WiFi ANTENNA
RST-W2-P-105-SMA-H RALTRON-RST-W2-P-105-SMA-H Datasheet
100Kb / 1P
WiFi ANTENNA
RST-W2-P-195-RPSMA-W-G RALTRON-RST-W2-P-195-RPSMA-W-G Datasheet
132Kb / 2P
WiFi ANTENNA
RDM-W5C9-4515-RP1M-GE-001 RALTRON-RDM-W5C9-4515-RP1M-GE-001 Datasheet
659Kb / 6P
WiFi ANTENNA
Rev. A
logo
Suzhou Maswell Communic...
AN_W413 MASWELL-AN_W413 Datasheet
225Kb / 2P
WIFI Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com