Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KEXX Datasheet (PDF) - SYC Electronica

P6KEXX Datasheet PDF - SYC Electronica
Part # P6KEXX
Download  P6KEXX Download
File Size   84.82 Kbytes
Page   4 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description TRANSIENT VOLTAGE SUPPRESSOR

P6KEXX Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KEXX Datasheet PDF - SYC Electronica

Part # P6KEXX
Download  P6KEXX Click to download

File Size   84.82 Kbytes
Page   4 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description TRANSIENT VOLTAGE SUPPRESSOR

P6KEXX Datasheet (HTML) - SYC Electronica


P6KEXX Product details

FEATURES :
* 600W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1mA above 10V




Similar Part No. - P6KEXX

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
ON Semiconductor
P6KEXXXA ONSEMI-P6KEXXXA Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6KEXXXAG ONSEMI-P6KEXXXAG Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6KEXXXARL ONSEMI-P6KEXXXARL Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6KEXXXARLG ONSEMI-P6KEXXXARLG Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
More results


Similar Description - P6KEXX

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com