Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2932AIPWR Datasheet (PDF) - Texas Instruments

TLC2932AIPWR Datasheet PDF - Texas Instruments
Part # TLC2932AIPWR
Download  TLC2932AIPWR Download
File Size   511.88 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH PERFORMANCE PHASE LOCKED LOOP

TLC2932AIPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC2932AIPWR Datasheet PDF - Texas Instruments

Part # TLC2932AIPWR
Download  TLC2932AIPWR Click to download

File Size   511.88 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH PERFORMANCE PHASE LOCKED LOOP

TLC2932AIPWR Datasheet (HTML) - Texas Instruments


TLC2932AIPWR Product details

VCO (Voltage-Controlled Oscillator):
− Complete Oscillator Using Only One
External Bias Resistor (RBIAS)
− Lock Frequency:
13 MHz to 32 MHz (VDD = 3 V 5%,
TA = –20C to 75C, x1 Output)
13 MHz to 35 MHz (VDD = 3.3 V 5%,
TA = –20C to 75C, x1 Output)
15 MHz to 55 MHz (VDD = 5 V 5%,
TA = –20C to 75C, x1 Output)
− Selectable Output Frequency
PFD (Phase Frequency Detector):
High Speed, Edge-Triggered Detector
with Internal Charge Pump
Independent VCO, PFD Power-Down Mode
Thin Small-Outline Package (14 Terminal)
CMOS Technology
Pin Compatible TLC2932IPW

description
The TLC2932A is designed for phase-locked loop (PLL) systems and is composed of a voltage-controlled
oscillator (VCO) and an edge-triggered type phase frequency detector (PFD). The oscillation frequency range
of the VCO is set by an external bias resistor (RBIAS). The VCO has a 1/2 frequency divider at the output stage.
The high speed PFD with internal charge pump detects the phase difference between the reference frequency
input and signal frequency input from the external counter. Both the VCO and the PFD have inhibit functions,
which can be used as power-down mode. Due to the TLC2932A high speed and stable oscillation capability,
the TLC2932A is suitable for use as a high-performance PLL.




Similar Part No. - TLC2932AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932AIPWR TI1-TLC2932AIPWR Datasheet
680Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWRG4 TI-TLC2932AIPWRG4 Datasheet
675Kb / 23P
HIGH PERFORMANCE PAHSE LOCKED LOOP
TLC2932AIPWRG4 TI1-TLC2932AIPWRG4 Datasheet
680Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Similar Description - TLC2932AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com