Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5510IPWR Datasheet (PDF) - Texas Instruments

TLC5510IPWR Datasheet PDF - Texas Instruments
Part # TLC5510IPWR
Download  TLC5510IPWR Download
File Size   524.4 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS

TLC5510IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5510IPWR Datasheet PDF - Texas Instruments

Part # TLC5510IPWR
Download  TLC5510IPWR Click to download

File Size   524.4 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS

TLC5510IPWR Datasheet (HTML) - Texas Instruments


TLC5510IPWR Product details

features
Analog Input Range
– TLC5510 . . . 2 V Full Scale
– TLC5510A . . . 4 V Full Scale
8-Bit Resolution
Integral Linearity Error
±0.75 LSB Max (25°C)
±1 LSB Max (–20°C to 75°C)
Differential Linearity Error
±0.5 LSB Max (25°C)
±0.75 LSB Max (–20°C to 75°C)
Maximum Conversion Rate
20 Mega-Samples per Second
(MSPS) Max
5-V Single-Supply Operation
Low Power Consumption
TLC5510 . . . 127.5 mW Typ
TLC5510A . . . 150 mW Typ
(includes reference resistor dissipation)
TLC5510 is Interchangeable With Sony
CXD1175

applications
Digital TV
Medical Imaging
Video Conferencing
High-Speed Data Conversion
QAM Demodulators

description
The TLC5510 and TLC5510A are CMOS, 8-bit, 20
MSPS analog-to-digital converters (ADCs) that
utilize a semiflash architecture. The TLC5510 and
TLC5510A operate with a single 5-V supply and
typically consume only 130 mW of power.
Included is an internal sample-and-hold circuit,
parallel outputs with high-impedance mode, and
internal reference resistors.
The semiflash architecture reduces power
consumption and die size compared to flash
converters. By implementing the conversion in a
2-step process, the number of comparators is
significantly reduced. The latency of the data
output valid is 2.5 clocks.
The TLC5510 uses the three internal reference
resistors to create a standard, 2-V, full-scale
conversion range using VDDA. Only external jumpers are required to implement this option and eliminates the
need for external reference resistors. The TLC5510A uses only the center internal resistor section with an
externally applied 4-V reference such that a 4-V input signal can be used. Differential linearity is 0.5 LSB at 25°C
and a maximum of 0.75 LSB over the full operating temperature range. Typical dynamic specifications include
a differential gain of 1% and differential phase of 0.7 degrees.
The TLC5510 and TLC5510A are characterized for operation from –20°C to 75°C.




Similar Part No. - TLC5510IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
681Kb / 21P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWRG4 TI1-TLC5510IPWRG4 Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWRG4 TI1-TLC5510IPWRG4 Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Similar Description - TLC5510IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSR TI-TLC5510INSR Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
14-Bit High Speed, Analog To-Digital Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com