Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5905 Datasheet (PDF) - Texas Instruments

TLC5905 Datasheet PDF - Texas Instruments
Part # TLC5905
Download  TLC5905 Download
File Size   488.59 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LED DRIVER

TLC5905 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5905 Datasheet PDF - Texas Instruments

Part # TLC5905
Download  TLC5905 Click to download

File Size   488.59 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LED DRIVER

TLC5905 Datasheet (HTML) - Texas Instruments


TLC5905 Product details

Drive Capability and Output Counts:
– 80 mA (Current Sink) × 16 Bits
– 120 mA (Current Sink) × 8 Bits
Constant Current Output Range:
– 5 mA to 80 mA/10 mA to 120 mA
(Selectable by MODE Terminal) (Current
Value Setting for All Output Terminals
Using External Resistor and Internal
Brightness Control Register)
Constant Current Accuracy ±4% (Maximum
Error Between Bits)
Voltage Applied to Constant Current Output
Terminals:
– Minimum 0.4 V (Output Current 5 mA to
40 mA)
– Minimum 0.7 V (Output Current 40 mA to
80 mA)
256 Gray Scale Display:
– Pulse Width Control 256 Steps
Brightness Adjustment:
– Output Current Adjustment for 32 Steps
(Adjustment for Brightness Deviation
Between LED Modules)
– 8 Steps Brightness Control by 8 Times
Speed Gray Scale Control Clock
(Brightness Adjustment for Panel)
Error Output Signal Check:
– Check Error Output Signal Line Such as
Protection Circuit When Operating
Data Output Timing Selectable:
– Select Data Output Timing for Shift
Register Relative to Clock
OVM (Output Voltage Monitor):
– Monitor Voltage on Constant Current
Output Terminals (Detect LED
Disconnection and Short Circuit)
WDT (Watchdog Timer):
– Turn Output Off When Scan Signal
Stopped
TSD (Thermal Shut Down):
– Turn Output Off When Junction
Temperature Exceeds Limit
Data Input:
– Clock Synchronized 1 Bit Serial Input
(Shmitt-Triggered Input)
Data Output:
– Clock Synchronized 1 Bit Serial Output
(3-State Output)
Input Signal Level:
– CMOS Level
Power Supply Voltage . . . 4.5 V to 5.5 V
Maximum Output Voltage . . . 17 V
Data Transfer Rate . . . 15 MHz (Max
Gray Scale Clock Frequency . . . 8 MHz
(Max)
Operating Free-Air Temperature Range
–20°C to 85°C
64-Pin HTQFP Package (PD = 4.9 W,
TA = 25°C)

description
The TLC5905 is a constant current driver that incorporates shift register, data latch, constant current circuitry
with a current value adjustable and 256 gray scale display that uses pulse width control. The output current can
be selected as maximum 80 mA with 16 bits or 120 mA with 8 bit. The current value of the constant current output
is set by one external resistor. After this device is mounted on a printed-circuit board (PCB), the brightness
deviation between LED modules (ICs) can be adjusted using an external data input, and the brightness control
for the panel can be accomplished by the brightness adjustment circuitry. Also, the device incorporates the
output voltage monitor (OVM) used for LED open detection (LOD) by monitoring constant current output.
Moreover, the device incorporates watchdog timer (WDT) circuitry, which turns constant current output off when
the scan signal stops during dynamic scanning operation, and thermal shutdown (TSD) circuitry, which turns
constant current output off when the junction temperature exceeds the limit.




Similar Part No. - TLC5905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5905 TI-TLC5905 Datasheet
398Kb / 27P
LED DRIVER
TLC5905PAP TI-TLC5905PAP Datasheet
398Kb / 27P
LED DRIVER
More results


Similar Description - TLC5905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com