Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59208F Datasheet (PDF) - Texas Instruments

TLC59208F Datasheet PDF - Texas Instruments
Part # TLC59208F
Download  TLC59208F Download
File Size   753.98 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59208F 8-Bit Fm I2C Bus LED Driver

TLC59208F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59208F Datasheet PDF - Texas Instruments

Part # TLC59208F
Download  TLC59208F Click to download

File Size   753.98 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59208F 8-Bit Fm I2C Bus LED Driver

TLC59208F Datasheet (HTML) - Texas Instruments


TLC59208F Product details

1 Features
• Eight LED Drivers (Each Output Programmable at
OFF, ON, Programmable LED Brightness,
Programmable Group Dimming/Blinking Mixed
With Individual LED Brightness)
• Eight Open-Drain Output Channels
• 256-Step (8-Bit) Linear Programmable Brightness Per LED Output Varying From Fully Off (Default)
to Maximum Brightness Using a 97-kHz PWM
Signal
• 256-Step Group Brightness Control Allows
General Dimming [Using a 190-Hz PWM Signal
From Fully Off to Maximum Brightness (Default)]
• 256-Step Group Blinking With Frequency Programmable From 24 Hz to 10.73 s and Duty
Cycle From 0% to 99.6%
• 64 Programmable Slave Addresses Using Three
Hardware Address Pins
• Four Software Programmable I2C Bus Addresses
(One LED Group Call Address and Three LED
Sub Call Addresses) Allow Groups of Devices to
be Simultaneously Addressed Any Combination
(For Example, One Register Used for ‘All Call’ so
That All the TLC59208Fs on the I2C Bus Can be
Simultaneously Addressed and the Second
Register Used for Three Different Addresses so
That One Third of All Devices on the Bus Can be
Simultaneously Addressed)
• Software Enable and Disable for I2C Bus Address
• Software Reset Feature (SWRST Call) Allows the
Device to be Reset Through the I2C Bus
• Up to 14 Possible Hardware Adjustable Individual
I2C Bus Addresses Per Device so That Each
Device Can be Programmed
• Up to 64 Possible Hardware Adjustable Individual
I2C Bus Addresses Per Device so That Each
Device Can be Programmed Individually
• Output State Change Programmable on the
Acknowledge or the STOP Command to Update
Outputs Byte-by-Byte or All at the Same Time
(Default to Change on STOP)
• Maximum Output Current: 50 mA
• Maximum Output Voltage: 17 V
• 25-MHz Internal Oscillator Requires no External
Components
• 1-MHz Fast-Mode Plus (FM+) Compatible I2C Bus
Interface With 30-mA High Drive Capability on
SDA Output for Driving High Capacitive Buses
• Internal Power-On Reset
• Noise Filter on SCL/SDA Inputs
• No Glitch on Power Up
• Active-Low Reset (RESET)
• Supports Hot Insertion
• Low Standby Current
• 3.3-V or 5-V Supply Voltage
• 5.5-V Tolerant Inputs
• Packages Offered: 16-Pin Thin Shrink Small-
Outline Package [TSSOP (PW)], 16-Pin Quad
Flatpack No Lead [QFN (RGY)]
• –40°C to 85°C Operation

2 Applications
• Gaming
• Small Signage
• Industrial Equipment

3 Description
The TLC59208F is an I2C bus controlled 8-bit LED
driver optimized for red/green/blue/amber (RGBA)
color mixing applications. Each LED output has its
own 8-bit resolution (256 steps) fixed frequency
individual PWM controller that operates at 97 kHz
with a duty cycle that is adjustable from 0% to 99.6%
to allow the LED to be set to a specific brightness
value.




Similar Part No. - TLC59208F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F Datasheet
712Kb / 29P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
8-Bit Fm I2C Bus LED Driver
TLC59208F TI2-TLC59208F Datasheet
766Kb / 40P
TLC59208F 8-Bit Fm I2C Bus LED Driver
REVISED NOVEMBER 2015
TLC59208FIPWR TI-TLC59208FIPWR Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
More results


Similar Description - TLC59208F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634PW,112 NXP-PCA9634PW,112 Datasheet
211Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
8-Bit FM I2C Bus LED Driver
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
8-Bit Fm I2C Bus LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com