Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3541 Datasheet (PDF) - Texas Instruments

TLC3541 Datasheet PDF - Texas Instruments
Part # TLC3541
Download  TLC3541 Download
File Size   757.24 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V, LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN

TLC3541 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC3541 Datasheet PDF - Texas Instruments

Part # TLC3541
Download  TLC3541 Click to download

File Size   757.24 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V, LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN

TLC3541 Datasheet (HTML) - Texas Instruments


TLC3541 Product details

FEATURES
200-KSPS Sampling Rate
Built-In Conversion Clock
INL: ±1 LSB Max
DNL: ±1 LSB Max
SINAD = 81.5 dB, SFDR = 95 dB
THD = 94 dB at 15 kHz fin, 200 KSPS
SPI/DSP-Compatible Serial Interfaces With
SCLK Input up to 15 MHz
Single 5-V Supply
Rail-to-Rail Analog Input With 500 kHz BW
Two Input Options Available:
− TLC3541 − Single Channel Input
− TLC3545 − Single Channel,
Pseudo-Differential Input
(TLC3541) Optimized DSP Interface −
Requires FS Input Only
Low Power With Auto-Power Down
− Operating Current: 3.5 mA
− Auto-Powerdown Current: 5 μA
Pin Compatible 12-/14-/16-Bit Family in 8-Pin
SOIC and MSOP Packages

APPLICATIONS
ATE System
Industrial Process Control
Measurement
Motor Control

DESCRIPTION
The TLC3541 and TLC3545 are a family of high
performance, 14-bit, low power, miniature CMOS
analog-to-digital converters (ADCs). These devices
operate from a single 5-V supply. Devices are available
with single, dual, or single pseudo-differential inputs. All
of these devices have a chip select (CS), serial clock
(SCLK), and serial data output (SDO) that provides a
direct 3-wire interface to the serial port of most popular
host microprocessors (SPI interface). When interfaced
with a DSP, a frame sync signal (FS) is used to indicate
the start of a serial data frame on either pin 1 (CS) or pin
7 (FS) for the TLC3541. The TLC3545 ADC connects
to the DSP via pin 1 only (CS).
The TLC3541 and TLC3545 are designed to operate
with low power consumption. The power saving feature
is further enhanced with an auto-power down mode.
This product family features a high-speed serial link to
modern host processors with an external SCLK up to
15 MHz. Both families use a built-in oscillator as the
conversion clock, providing a 2.67 μs maximum
conversion time.




Similar Part No. - TLC3541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI1-TLC3541 Datasheet
837Kb / 27P
200-KSPS Sampling Rate Built-In Conversion Clock
TLC3541ID TI-TLC3541ID Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541ID TI1-TLC3541ID Datasheet
837Kb / 27P
200-KSPS Sampling Rate Built-In Conversion Clock
TLC3541IDG4 TI1-TLC3541IDG4 Datasheet
837Kb / 27P
200-KSPS Sampling Rate Built-In Conversion Clock
More results


Similar Description - TLC3541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI1-TLC4541_14 Datasheet
840Kb / 28P
5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC1514 TI1-TLC1514_14 Datasheet
594Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514_15 Datasheet
591Kb / 39P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com