Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1548-EP Datasheet (PDF) - Texas Instruments

TLV1548-EP Datasheet PDF - Texas Instruments
Part # TLV1548-EP
Download  TLV1548-EP Download
File Size   615.08 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS

TLV1548-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1548-EP Datasheet PDF - Texas Instruments

Part # TLV1548-EP
Download  TLV1548-EP Click to download

File Size   615.08 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS

TLV1548-EP Datasheet (HTML) - Texas Instruments


TLV1548-EP Product details

Controlled Baseline
− One Assembly Site, One Test Site, One
Fabrication Site
Extended Temperature Performance of
−40°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Conversion Time ≤ 10 μs
10-Bit-Resolution ADC
Programmable Power-Down
Mode . . . 1 μA
Wide Range Single-Supply Operation of
2.7 V dc to 5.5 V dc
Analog Input Range of 0 V to VCC
Built-in Analog Multiplexer with 8 Analog
Input Channels
TMS320 DSP and Microprocessor SPI and
QSPI Compatible Serial Interfaces
End-of-Conversion (EOC) Flag
Inherent Sample-and-Hold Function
Built-In Self-Test Modes
Programmable Power and Conversion Rate
Asynchronous Start of Conversion for
Extended Sampling
Hardware I/O Clock Phase Adjust Input

description
The TLV1548 is a CMOS 10-bit switched-capacitor successive-approximation (SAR) analog-to-digital (A/D)
converter. The device has a chip select (CS), input-output clock (I/O CLK), data input (DATA IN) and serial data
output (DATA OUT) that provides a direct 4-wire synchronous serial peripheral interface (SPI, QSPI) port
of a host microprocessor. When interfacing with a TMS320 DSP, an additional frame sync signal (FS) indicates
the start of a serial data frame. The device allows high-speed data transfers from the host. The INV CLK input
provides further timing flexibility for the serial interface.
In addition to a high-speed converter and versatile control capability, the device has an on-chip 11-channel
multiplexer that can select any one of eight analog inputs or any one of three internal self-test voltages. The
sample-and-hold function is automatic except for the extended sampling cycle, where the sampling cycle is
started by the falling edge of asynchronous CSTART. At the end of the A/D conversion, the end-of-conversion
(EOC) output goes high to indicate that the conversion is complete. The TLV1548 is designed to operate with
a wide range of supply voltages with very low power consumption. The power saving feature is further enhanced
with a software-programmed power-down mode and conversion rate. The converter incorporated in the device
features differential high-impedance reference inputs that facilitate ratiometric conversion, scaling, and
isolation of analog circuitry from logic and supply noise. A switched-capacitor design allows low-error
conversion over the full operating temperature range.
The TLV1548 has eight analog input channels. The TLV1548Q is characterized for operation from −40°C to
125°C.




Similar Part No. - TLV1548-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-EP TI2-TLV1548-EP Datasheet
640Kb / 38P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
REVISED JANUARY 1999
TLV1548-EP TI2-TLV1548-EP Datasheet
717Kb / 37P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
REVISED APRIL 2008
More results


Similar Description - TLV1548-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1544C TI-TLV1544C Datasheet
577Kb / 37P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1544C TI-TLV1544C_08 Datasheet
774Kb / 41P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1541 TI1-TLC1541_14 Datasheet
734Kb / 16P
10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com