Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1549 Datasheet (PDF) - Texas Instruments

TLV1549 Datasheet PDF - Texas Instruments
Part # TLV1549
Download  TLV1549 Download
File Size   378.27 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL

TLV1549 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1549 Datasheet PDF - Texas Instruments

Part # TLV1549
Download  TLV1549 Click to download

File Size   378.27 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL

TLV1549 Datasheet (HTML) - Texas Instruments


TLV1549 Product details

3.3-V Supply Operation
10-Bit-Resolution Analog-to-Digital
Converter (ADC)
Inherent Sample and Hold Function
Total Unadjusted Error . . . ±1 LSB Max
On-Chip System Clock
Terminal Compatible With TLC1549 and
TLC1549x
Application Report Available†
CMOS Technology

description
The TLV1549C, TLV1549I, and TLV1549M are
10-bit, switched-capacitor, successiveapproximation,
analog-to-digital converters. The
devices have two digital inputs and a 3-state
output [chip select (CS), input-output clock (I/O
CLOCK), and data output (DATA OUT)] that
provide a three-wire interface to the serial port of
a host processor.
The sample-and-hold function is automatic. The
converter incorporated in the device features
differential high-impedance reference inputs that
facilitate ratiometric conversion, scaling, and
isolation of analog circuitry from logic and supply
noise. A switched-capacitor design allows lowerror
conversion over the full operating free-air
temperature range.
The TLV1549C is characterized for operation from 0°C to 70°C. The TLV1549I is characterized for operation
from –40°C to 85°C. The TLV1549M is characterized for operation over the full military temperature range of
–55°C to 125°C.




Similar Part No. - TLV1549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C Datasheet
598Kb / 20P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CD TI-TLV1549CD Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CD TI1-TLV1549CD Datasheet
596Kb / 19P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Similar Description - TLV1549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI1-TLC1549C_14 Datasheet
257Kb / 18P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com