Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1571 Datasheet (PDF) - Texas Instruments

TLV1571 Datasheet PDF - Texas Instruments
Part # TLV1571
Download  TLV1571 Download
File Size   564.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS

TLV1571 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1571 Datasheet PDF - Texas Instruments

Part # TLV1571
Download  TLV1571 Click to download

File Size   564.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS

TLV1571 Datasheet (HTML) - Texas Instruments


TLV1571 Product details

features
Fast Throughput Rate: 1.25 MSPS at 5 V,
625 KSPS at 3 V
Wide Analog Input: 0 V to AVDD
Differential Nonlinearity Error: < ± 1 LSB
Integral Nonlinearity Error: < ± 1 LSB
8-to-1 Analog MUX – TLV1578
Internal OSC
Single 2.7-V to 5.5-V Supply Operation
Low Power: 12 mW at 3 V and 35 mW at 5 V
Auto Power Down of 1 mA Max
Software Power Down: 10 mA Max
Hardware Configurable
DSP and Microcontroller Compatible
Parallel Interface
Binary/Twos Complement Output
Hardware Controlled Extended Sampling
Channel Sweep Mode Operation and
Channel Select
Hardware or Software Start of Conversion

applications
Mass Storage and HDD
Automotive
Digital Servos
Process Control
General-Purpose DSP
Image Sensor Processing

description
The TLV1571/1578 is a 10-bit data acquisition system that combines an 8-channel input multiplexer (MUX), a
high-speed 10-bit ADC, and a parallel interface. The device contains two on-chip control registers allowing
control of channel selection, software conversion start, and power down via the bidirectional parallel port. The
control registers can be set to a default mode by applying a dummy RD signal when WR is tied low. This allows
the TLV1571/1578 to be configured by hardware. The MUX is independently accessible. This allows the user to
insert a signal conditioning circuit such as an antialiasing filter or an amplifier, if required, between the MUX and
the ADC. Therefore, one signal conditioning circuit can be used for all eight channels. The TLV1571 is a single
channel analog input device with all the same functions as the TLV1578.
The TLV1571/TLV1578 operates from a single 2.7-V to 5.5-V power supply. It accepts an analog input range
from 0 V to AVDD and digitizes the input at a maximum 1.25 MSPS throughput rate at 5 V. The power dissipations
are only 12 mW with a 3-V supply or 35 mW with a 5-V supply. The device features an auto power-down mode
that automatically powers down to 1 mA 50 ns after conversion is performed. In software power-down mode, the
ADC is further powered down to only 10 mA.
Very high throughput rate, simple parallel interface, and low power consumption make the TLV1571/TLV1578
an ideal choice for high-speed digital signal processing requiring multiple analog inputs.




Similar Part No. - TLV1571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
627Kb / 33P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI1-TLV1571 Datasheet
629Kb / 34P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571CDW TI-TLV1571CDW Datasheet
434Kb / 29P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571CDW TI-TLV1571CDW Datasheet
627Kb / 33P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results


Similar Description - TLV1571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV571 TI-TLV571 Datasheet
405Kb / 27P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1571 TI1-TLV1571_14 Datasheet
629Kb / 34P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com