Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV810M Datasheet (PDF) - Texas Instruments

TLV810M Datasheet PDF - Texas Instruments
Part # TLV810M
Download  TLV810M Download
File Size   409.11 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Pin Voltage Supervisors with Active-High, Push-Pull Reset

TLV810M Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV810M Datasheet PDF - Texas Instruments

Part # TLV810M
Download  TLV810M Click to download

File Size   409.11 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Pin Voltage Supervisors with Active-High, Push-Pull Reset

TLV810M Datasheet (HTML) - Texas Instruments


TLV810M Product details

1FEATURES
2• 3-Pin SOT23 Package
• Supply Current: 9 μA (Typical)
• Precision Supply Voltage Monitor:
2.5 V, 3 V, 3.3 V, 5 V
• Power-On Reset Generator with
Fixed Delay Time of 200 ms
• Pin-for-Pin Compatible with MAX810
• Temperature Range: –40°C to +125°C
• Push-Pull, RESET Output

APPLICATIONS
• DSPs, Microcontrollers, and Microprocessors
• Wireless Communication Systems
• Portable/Battery-Powered Equipment
• Programmable Controls
• Intelligent Instruments
• Industrial Equipment
• Notebook and Desktop Computers
• Automotive Systems

DESCRIPTION
The TLV810 family of supervisory circuits provides
circuit initialization and timing supervision, primarily
for DSPs and processor-based systems.
During power-on, RESET is asserted when the
supply voltage (VDD) becomes higher than 1.1 V.
Thereafter, the supervisory circuit monitors VDD and
keeps RESET active as long as VDD remains below
the threshold voltage VIT. An internal timer delays the
return of the output to the inactive state (low) to
ensure proper system reset. The delay time (td(typ) =
200 ms) starts after VDD has risen above the
threshold voltage, VIT. When the supply voltage drops
below the VIT threshold voltage, the output becomes
active (high) again. No external components are
required. All the devices in this family have a fixed
sense-threshold voltage (VIT) set by an internal
voltage divider.
The product spectrum is designed for supply voltages
of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are
available in a 3-pin SOT-23 package. The TLV810
devices are characterized for operation over a
temperature range of –40°C to +125°C.




Similar Part No. - TLV810M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810M TI1-TLV810M Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810MDBZR TI1-TLV810MDBZR Datasheet
416Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810MDBZR TI1-TLV810MDBZR Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810MDBZT TI1-TLV810MDBZT Datasheet
416Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
More results


Similar Description - TLV810M

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1812 DALLAS-DS1812 Datasheet
41Kb / 5P
5V EconoReset with Active High Push-Pull Output
logo
Alliance Semiconductor ...
ASM1812 ALSC-ASM1812 Datasheet
231Kb / 9P
Low Power 5V uP Reset Active HIGH, Push-Pull Output
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
logo
Texas Instruments
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
logo
Maxim Integrated Produc...
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
High-Voltage Supervisors with Manual Reset Input
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com