Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4605 Datasheet (PDF) - OSRAM GmbH

SFH4605 Datasheet PDF - OSRAM GmbH
Part # SFH4605
Download  SFH4605 Download
File Size   236.9 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Engwinklige LED im MIDLED-Gehause Narrow beam LED in MIDLED package Lead (Pb) Free Product - RoHS Compliant

SFH4605 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4605 Datasheet PDF - OSRAM GmbH

Part # SFH4605
Download  SFH4605 Click to download

File Size   236.9 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Engwinklige LED im MIDLED-Gehause Narrow beam LED in MIDLED package Lead (Pb) Free Product - RoHS Compliant

SFH4605 Datasheet (HTML) - OSRAM GmbH


SFH4605 Product details

Narrow beam LED inMIDLED package



Features

• High Power GaAs-LED (35 mW) with typical peak wavelength of 950 nm

• Narrow halfangle (± 20°)

• Low profile component

• Usable as top-looking and side-looking device

•SFH 4600: Taping as Toplooker

 SFH 4605: Taping as Sidelooker



Applications

• Interrupters, Lightcurtains

• Sensors

• IR floodlight




Similar Part No. - SFH4605

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH460 OSRAM-SFH460 Datasheet
97Kb / 5P
GaAlAs-Lumineszenzdiode
More results


Similar Description - SFH4605

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650 Datasheet
141Kb / 8P
Engwinklige LED in MIDLED-Gehause
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4641 OSRAM-SFH-4641 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4680 OSRAM-SFH-4680 Datasheet
315Kb / 13P
Narrow beam LED in MIDLED package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com