Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRL2012E-C-R010-F-T1 Datasheet (PDF) - Susumu Co., Ltd.

KRL2012E-C-R010-F-T1 Datasheet PDF - Susumu Co., Ltd.
Part # KRL2012E-C-R010-F-T1
Download  KRL2012E-C-R010-F-T1 Download
File Size   247.46 Kbytes
Page   2 Pages
Manufacturer  SUSUMU [Susumu Co., Ltd.]
Direct Link  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.
Description Metal foil low resistance chip resistors

KRL2012E-C-R010-F-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRL2012E-C-R010-F-T1 Datasheet PDF - Susumu Co., Ltd.

Part # KRL2012E-C-R010-F-T1
Download  KRL2012E-C-R010-F-T1 Click to download

File Size   247.46 Kbytes
Page   2 Pages
Manufacturer  SUSUMU [Susumu Co., Ltd.]
Direct Link  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.
Description Metal foil low resistance chip resistors

KRL2012E-C-R010-F-T1 Datasheet (HTML) - Susumu Co., Ltd.


KRL2012E-C-R010-F-T1 Product details

Features
High current sensing long side terminal low resistance chip resistor
Two types available: high temperature (operating temperature up to 175°C), low emf
type (operating temperature up to 155°C)
High current handling capability and wide range of power ratings
Size: 1608 ~ 15075, power ratings: 0.5W ~ 10W, resistance value range: 1m ~ 500mΩ
Face down construction. Choice between bottom only or wrap around terminal.

Applications
Automotive electronics
Power source devises, ACDC converters, DCDC converters
Motors, inverters, office automation equipment




Similar Part No. - KRL2012E-C-R010-F-T1

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400008 THINKING-KRL2400008 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400012 THINKING-KRL2400012 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400016 THINKING-KRL2400016 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400025 THINKING-KRL2400025 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
More results


Similar Description - KRL2012E-C-R010-F-T1

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LOB WELWYN-LOB Datasheet
130Kb / 2P
Low Resistance Metal Element Resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
metal plate chip type low resistance resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
Low Resistance Chip Resistors
RUG-Z ETC-RUG-Z Datasheet
1Mb / 2P
HIGH PRECISION METAL FOIL RESISTORS
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
metal plate chip type low resistance resistors
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
Metal Foil Current Sensing Chip Resistors
logo
TT Electronics.
LOB3R015FLF TTELEC-LOB3R015FLF Datasheet
1Mb / 3P
Low Resistance Metal Element Resistors
logo
Ohmite Mfg. Co.
FC4T OHMITE-FC4T Datasheet
416Kb / 2P
Metal Foil Low Value Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com