Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8012 Datasheet (PDF) - Sealevel Systems, Inc.

8012 Datasheet PDF - Sealevel Systems, Inc.
Part # 8012
Download  8012 Download
File Size   661.18 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Low Profile PCI 8 Reed Relay Output / 8 Isolated Input Digital Interface (3-13V)

8012 Datasheet (PDF)

Go To PDF Page Download Datasheet
8012 Datasheet PDF - Sealevel Systems, Inc.

Part # 8012
Download  8012 Click to download

File Size   661.18 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Low Profile PCI 8 Reed Relay Output / 8 Isolated Input Digital Interface (3-13V)

8012 Datasheet (HTML) - Sealevel Systems, Inc.


8012 Product details

Features
• Compliant with RoHS and WEEE directives
• Eight Reed relay outputs (SPST)
• Eight optically isolated inputs
• Highly reliable 10VA DIP Reed relays
• Socketed DIP resistor allows user configurable input range up to
24 VDC
• MD1 Low Profile and Universal Bus (3.3V and 5V) compatible
• Power (+5V and +12V) and ground provided on connector
• SeaIO Classic software supports Microsoft Windows operating
systems
• Software support for Linux available




Similar Part No. - 8012

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8012 FILTRAN-8012 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
Sonardyne sound in dept...
8012 SONARDYNE-8012 Datasheet
116Kb / 2P
RovNav 5 LBL Transceiver
logo
Belden Inc.
8012 BELDEN-8012 Datasheet
152Kb / 2P
Bus Bar Wire, #14 Sol TC
05-05-2023
logo
Christian Bürkert GmbH ...
8012 BURKERT-8012 Datasheet
1Mb / 21P
Flowmeter with paddle wheel for continuous flow measure-ment
13.11.2023
8012 BURKERT-8012 Datasheet
1Mb / 11P
I/O modules IP65/ IP67/ IP69k
12.02.2024
More results


Similar Description - 8012

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1760U ADVANTECH-PCI-1760U Datasheet
535Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761 Datasheet
536Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-725 ADVANTECH-PCL-725 Datasheet
537Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input ISA Card
MIC-3612 ADVANTECH-MIC-3612 Datasheet
177Kb / 1P
8-ch Relay and Isolated Digital Input CPCI Card
PCI-1760U ADVANTECH-PCI-1760U_15 Datasheet
183Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCIE-1760 ADVANTECH-PCIE-1760_15 Datasheet
189Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Express Card
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input USB Module
PCIE-1760 ADVANTECH-PCIE-1760_V01 Datasheet
428Kb / 1P
8-Ch Relay and 8-Ch Isolated Digital Input PCI Express Card
12-Mar-2019
logo
NHP Electrical Engineer...
5094-OW8I NHP-5094-OW8I Datasheet
571Kb / 1P
FLEX 5000 RELAY 8 OUTPUT ISOLATED
8 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com