Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3581 Datasheet (PDF) - Adafruit Industries

3581 Datasheet PDF - Adafruit Industries
Part # 3581
Download  3581 Download
File Size   322.6 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni OnOff SHIM for Raspberry Pi

3581 Datasheet (PDF)

Go To PDF Page Download Datasheet
3581 Datasheet PDF - Adafruit Industries

Part # 3581
Download  3581 Click to download

File Size   322.6 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni OnOff SHIM for Raspberry Pi

3581 Datasheet (HTML) - Adafruit Industries


3581 Product details

Features
o Super‐small SHIM‐format board
o 0.8mm thick PCB
o Can be used with HATs and pHATs
o Corner‐mounted push button for on/off
o Micro‐B connector for power supply
o Red status LED
o Optional breakout pins to connect an external momentary button
o 2x6 female header included
o Supports up to 2.5A power supply
o Software daemon to shutdown cleanly
o Requires soldering




Similar Part No. - 3581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3581 TI1-3581 Datasheet
2Mb / 6P
High Voltage OPERATIONAL AMPLIFIERS
logo
Heyco.
3581 HEYCO-3581 Datasheet
231Kb / 1P
Nytye®Mounting Platforms
logo
Wiha Tools
3581 WIHA-3581 Datasheet
59Kb / 1P
Screwdriver SoftFinish® electric slimFix
35811 WIHA-35811 Datasheet
177Kb / 2P
INSULATED SQUARE TIP SCREWDRIVER #1 X 100MM
35811 WIHA-35811 Datasheet
6Mb / 44P
Professional Insulated Tools
More results


Similar Description - 3581

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com