Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS4435 Datasheet (PDF) - ON Semiconductor

FDS4435 Datasheet PDF - ON Semiconductor
Part # FDS4435
Download  FDS4435 Download
File Size   168.22 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30V P-Channel PowerTrenchÒ MOSFET

FDS4435 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4435 Datasheet PDF - ON Semiconductor

Part # FDS4435
Download  FDS4435 Click to download

File Size   168.22 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30V P-Channel PowerTrenchÒ MOSFET

FDS4435 Datasheet (HTML) - ON Semiconductor


FDS4435 Product details

General Description
This P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gave drive voltage ratings (4.5V – 25V).

Applications
· Power management
· Load switch
· Battery protection

Features
· –8.8 A, –30 V RDS(ON) = 20 mW @ VGS = –10 V RDS(ON) = 35 mW @ VGS = –4.5 V
· Low gate charge (17nC typical)
· Fast switching speed
· High performance trench technology for extremely low RDS(ON)
· High power and current handling capability




Similar Part No. - FDS4435

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
264Kb / 5P
P-Channel Logic Level PowerTrench?줞OSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
65Kb / 5P
30V P-Channel PowerTrench MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDS4435 EVVOSEMI-FDS4435 Datasheet
429Kb / 7P
-30V P-Channel MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDS4435-NL VBSEMI-FDS4435-NL Datasheet
579Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - FDS4435

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com