Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2382 Datasheet (PDF) - Texas Instruments

TLV2382 Datasheet PDF - Texas Instruments
Part # TLV2382
Download  TLV2382 Download
File Size   772.01 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS

TLV2382 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2382 Datasheet PDF - Texas Instruments

Part # TLV2382
Download  TLV2382 Click to download

File Size   772.01 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS

TLV2382 Datasheet (HTML) - Texas Instruments


TLV2382 Product details

FEATURES
BiMOS Rail-to-Rail Input/Output
Input Bias Current . . . 1 pA
High Wide Bandwidth . . . 160 kHz
High Slew Rate . . . 0.1 V/μs
Supply Current . . . 7 μA (per channel)
Input Noise Voltage . . . 90 nV/√Hz
Supply Voltage Range . . . 2.7 V to 16 V
Specified Temperature Range
– –40°C to 125°C . . . Industrial Grade
Ultra-Small Packaging
– 5 Pin SOT-23 (TLV2381)

APPLICATIONS
Portable Medical
Power Monitoring
Low Power Security Detection Systems
Smoke Detectors

DESCRIPTION
The TLV238x single supply operational amplifiers
provide rail-to-rail input and output capability. The
TLV238x takes the minimum operating supply voltage
down to 2.7 V over the extended industrial temperature
range, while adding the rail-to-rail output swing feature.
The TLV238x also provides 160-kHz bandwidth from
only 7 μA. The maximum recommended supply voltage
is 16 V, which allows the devices to be operated from
(±8 V supplies down to ±1.35 V) two rechargeable cells.
The combination of rail-to-rail inputs and outputs make
them good upgrades for the TLC27Lx family—offering
more bandwidth at a lower quiescent current. The offset
voltage is lower than the TLC27LxA variant.
To maintain cost effectiveness the TLV2381/2 are only
available in the extended industrial temperature range.
This means that one device can be used in a wide range
of applications that include PDAs as well as automotive
sensor interface.
All members are available in SOIC, with the singles in
the small SOT-23 package, duals in the MSOP.




Similar Part No. - TLV2382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI1-TLV2382 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2382ID TI-TLV2382ID Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2382ID TI1-TLV2382ID Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2382ID TI1-TLV2382ID Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results


Similar Description - TLV2382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com