Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2556 Datasheet (PDF) - Texas Instruments

TLV2556 Datasheet PDF - Texas Instruments
Part # TLV2556
Download  TLV2556 Download
File Size   745.65 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE

TLV2556 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2556 Datasheet PDF - Texas Instruments

Part # TLV2556
Download  TLV2556 Click to download

File Size   745.65 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE

TLV2556 Datasheet (HTML) - Texas Instruments


TLV2556 Product details

1FEATURES
· 12-Bit-Resolution Analog-to-Digital Converter
(ADC)
· Up to 200-KSPS (150-KSPS for 3 V)
Throughput Bit With 12-Output Mode Over
Operating Temperature Range
· 11 Analog Input Channels
· 3 Built-In Self-Test Modes
· Programmable Reference (2.048 V/4.096 V
Internal or External)
· Inherent Sample and Hold Function
· Linearity Error...±1 LSB Max
· On-Chip Conversion Clock
· Programmable Conversion Status Output: INT
or EOC
· Unipolar or Bipolar Output Operation
· Programmable MSB or LSB First
· Programmable Power Down
· Programmable Output Data Length
· SPI Compatible Serial Interface With I/O Clock
Frequencies up to 15 MHz (CPOL = 0,
CPHA = 0)

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
· Controlled Baseline
· One Assembly/Test Site
· One Fabrication Site
· Available in Military (–55°C/125°C)
Temperature Range(1)
· Extended Product Life Cycle
· Extended Product-Change Notification
· Product Traceability

APPLICATIONS
· Industrial Process Control
· Portable Data Logging
· Battery Powered Instruments
· Automotive

DESCRIPTION
The TLV2556 is a 12-bit, switched-capacitor, successive-approximation, analog-to-digital converter
(ADC). The ADC has three control inputs [chip select
(CS), the input-output clock, and the address/control
input (DATAIN)], designed for communication with the
serial port of a host processor or peripheral through a serial 3-state output.
In addition to the high-speed converter and versatile
control capability, the device has an on-chip
14-channel multiplexer that can select any one of 11
inputs or any one of three internal self-test voltages using configuration register 1. The sample-and-hold
function is automatic. At the end of conversion, when
programmed as EOC, the pin 19 output goes high to
indicate that conversion is complete. If pin 19 is
programmed as INT, the signal goes low when the
conversion is complete. The converter incorporated in
the device features differential, high-impedance reference inputs that facilitate ratiometric conversion,
scaling, and isolation of analog circuitry from logic
and supply noise. A switched-capacitor design allows
low-error conversion over the full operating
temperature range. An internal reference is available
and its voltage level is programmable via configuration register 2 (CFGR2).




Similar Part No. - TLV2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI2-TLV2556 Datasheet
899Kb / 40P
TLV2556 12-Bit 200-kSPS 11-Channel Low-Power Serial ADC With Internal Reference
REVISED DECEMBER 2015
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Similar Description - TLV2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com