Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580 Datasheet (PDF) - Texas Instruments

TLV5580 Datasheet PDF - Texas Instruments
Part # TLV5580
Download  TLV5580 Download
File Size   462.27 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT, 80 MSPS LOW-POWER A/D CONVERTER

TLV5580 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5580 Datasheet PDF - Texas Instruments

Part # TLV5580
Download  TLV5580 Click to download

File Size   462.27 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT, 80 MSPS LOW-POWER A/D CONVERTER

TLV5580 Datasheet (HTML) - Texas Instruments


TLV5580 Product details

8-Bit Resolution 80 MSPS Sampling
Analog-to-Digital Converter (ADC)
Low Power Consumption: 165 mW Typ
Using External references
Wide Analog Input Bandwidth: 700 MHz Typ
3.3 V Single-Supply Operation
3.3 V TTL/CMOS-Compatible Digital I/O
Internal Bottom and Top Reference Voltages
Adjustable Reference Input Range
Power Down (Standby) Mode
Separate Power Down for Internal Voltage
References
Three-State Outputs
28-Pin Small Outline IC (SOIC) and Thin
Shrink SOP (TSSOP) Packages
Applications
− Digital Communications
− Flat Panel Displays
− High-Speed DSP Front-End
(TMS320C6000)
− Medical Imaging
− Graphics Processing (Scan Rate/Format
Conversion)
− DVD Read Channel Digitization

DESCRIPTION
The TLV5580 is an 8-bit 80 MSPS high-speed A/D
converter. It converts the analog input signal into
8-bit binary-coded digital words up to a sampling
rate of 80 MHz. All digital inputs and outputs are
3.3 V TTL/CMOS-compatible.
The device consumes very little power due to the
3.3 V supply and an innovative single-pipeline
architecture implemented in a CMOS process.
The user obtains maximum flexibility by setting
both bottom and top voltage references from
user-supplied voltages. If no external references
are available, on-chip references are available for
internal and external use. The full-scale range is
1 Vpp up to 1.6 Vpp, depending on the analog
supply voltage. If external references are
available, the internal references can be disabled
independently from the rest of the chip, resulting
in an even greater power saving.
While usable in a wide variety of applications, the
device is specifically suited for the digitizing of
high-speed graphics and for interfacing to LCD
panels or LCD/DMD projection modules . Other
applications include DVD read channel
digitization, medical imaging and
communications. This device is suitable for IF
sampling of communication systems using
sub-Nyquist sampling methods because of its
high analog input bandwidth.




Similar Part No. - TLV5580

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI-TLV5580 Datasheet
531Kb / 34P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580 TI1-TLV5580 Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CDW TI1-TLV5580CDW Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CDWR TI1-TLV5580CDWR Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CPW TI1-TLV5580CPW Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results


Similar Description - TLV5580

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI-TLV5580 Datasheet
531Kb / 34P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
TLV5580 TI1-TLV5580_15 Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com