Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5604 Datasheet (PDF) - Texas Instruments

TLV5604 Datasheet PDF - Texas Instruments
Part # TLV5604
Download  TLV5604 Download
File Size   510.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V TO 5.5-V 10-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN

TLV5604 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5604 Datasheet PDF - Texas Instruments

Part # TLV5604
Download  TLV5604 Click to download

File Size   510.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V TO 5.5-V 10-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN

TLV5604 Datasheet (HTML) - Texas Instruments


TLV5604 Product details

Four 10-Bit D/A Converters
Programmable Settling Time
of 3 μs or 9 μs Typ
TMS320, (Q)SPI, and Microwire
Compatible Serial Interface
Internal Power-On Reset
Low Power Consumption:
5.5 mW, Slow Mode – 5-V Supply
3.3 mW, Slow Mode – 3-V Supply
Reference Input Buffers
Voltage Output Range . . . 2× the Reference
Input Voltage
Monotonic Over Temperature
Dual 2.7-V to 5.5-V Supply (Separate Digital
and Analog Supplies)
Hardware Power Down (10 nA)
Software Power Down (10 nA)
Simultaneous Update

applications
Battery Powered Test Instruments
Digital Offset and Gain Adjustment
Industrial Process Controls
Machine and Motion Control Devices
Communications
Arbitrary Waveform Generation

description
The TLV5604 is a quadruple 10-bit voltage output
digital-to-analog converter (DAC) with a flexible
4-wire serial interface. The 4-wire serial interface
allows glueless interface to TMS320, SPI, QSPI,
and Microwire serial ports. The TLV5604 is
programmed with a 16-bit serial word comprised
of a DAC address, individual DAC control bits, and
a 10-bit DAC value.
The device has provision for two supplies: one digital supply for the serial interface (via pins DVDD and DGND),
and one for the DACs, reference buffers and output buffers (via pins AVDD and AGND). Each supply is
independent of the other, and can be any value between 2.7 V and 5.5 V. The dual supplies allow a typical
application where the DAC will be controlled via a microprocessor operating on a 3-V supply (also used on pins
DVDD and DGND), with the DACs operating on a 5-V supply. Of course, the digital and analog supplies can be
tied together.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. A rail-to-rail output stage and a power-down mode
makes it ideal for single voltage, battery based applications. The settling time of the DAC is programmable to
allow the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits
within the 16-bit serial input string. A high-impedance buffer is integrated on the REFINAB and REFINCD
terminals to reduce the need for a low source impedance drive to the terminal. REFINAB and REFINCD allow
DACs A and B to have a different reference voltage then DACs C and D.
The device, implemented with a CMOS process, is available in 16-terminal SOIC and TSSOP packages. The
TLV5604C is characterized for operation from 0°C to 70°C. The TLV5604I is characterized for operation from
–40°C to 85°C.




Similar Part No. - TLV5604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604 TI-TLV5604 Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CD TI-TLV5604CD Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CD TI-TLV5604CD Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CDG4 TI-TLV5604CDG4 Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Similar Description - TLV5604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604 TI-TLV5604_15 Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com