Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5619 Datasheet (PDF) - Texas Instruments

TLV5619 Datasheet PDF - Texas Instruments
Part # TLV5619
Download  TLV5619 Download
File Size   751.58 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN

TLV5619 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5619 Datasheet PDF - Texas Instruments

Part # TLV5619
Download  TLV5619 Click to download

File Size   751.58 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN

TLV5619 Datasheet (HTML) - Texas Instruments


TLV5619 Product details

FEATURES
· Single Supply 2.7-V to 5.5-V Operation
· ± 0.4 LSB Differential Nonlinearity (DNL),
±1.5 LSB Integral Nonlinearity (INL)
· 12-Bit Parallel Interface
· Compatible With TMS320 DSP
· Internal Power On Reset
· Settling Time 1 μs Typ
· Low Power Consumption:
– 8 mW for 5-V Supply
– 4.3 mW for 3-V Supply
· Reference Input Buffers
· Voltage Output
· Monotonic Over Temperature
· Asynchronous Update

APPLICATIONS
· Battery Powered Test Instruments
· Digital Offset and Gain Adjustment
· Battery Operated/Remote Industrial Controls
· Machine and Motion Control Devices
· Cordless and Wireless Telephones
· Speech Synthesis
· Communication Modulators
· Arbitrary Waveform Generation

DESCRIPTION
The TLV5619 is a 12-bit voltage output DAC with a
microprocessor and TMS320 compatible parallel
interface. The 12 data bits are double buffered so that
the output can be updated asynchronously using the LDAC pin. During normal operation, the device dissi-
pates 8 mW at a 5-V supply and 4.3 mW at a 3-V
supply. The power consumption can be lowered to 50
nW by setting the DAC to power-down mode.
The output voltage is buffered by a ´2 gain rail-to-rail
amplifier, which features a Class A output stage to improve stability and reduce settling time.




Similar Part No. - TLV5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI2-TLV5619 Datasheet
927Kb / 27P
2.7VTO05.5V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
REVISED DECEMBER 2003
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Similar Description - TLV5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com