Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5614 Datasheet (PDF) - Texas Instruments

TLV5614 Datasheet PDF - Texas Instruments
Part # TLV5614
Download  TLV5614 Download
File Size   621.82 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V TO 5.5-V 12-BIT 3-us QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN

TLV5614 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5614 Datasheet PDF - Texas Instruments

Part # TLV5614
Download  TLV5614 Click to download

File Size   621.82 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V TO 5.5-V 12-BIT 3-us QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN

TLV5614 Datasheet (HTML) - Texas Instruments


TLV5614 Product details

Controlled Baseline
− One Assembly
− One Test Site
− One Fabrication Site
Extended Temperature Performance of
−55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Four 12-Bit Digital-to-Analog Converters
(DACs)
Programmable Settling Time of Either 3 μs
or 9 μs (Typ)
TMS320 DSP Family, (Q)SPI. and
Microwire Compatible Serial Interface
Internal Power-On Reset
Low Power Consumption:
8 mW, Slow Mode − 5-V Supply
3.6 mW, Slow Mode − 3-V Supply
Reference Input Buffer
Voltage Output Range . . . 2× the Reference
Input Voltage
Monotonic Overtemperature
Dual 2.7-V to 5.5-V Supply (Separate Digital
and Analog Supplies)
Hardware Power Down (10 nA)
Software Power Down (10 nA)
Simultaneous Update

applications
Battery-Powered Test Instruments
Digital Offset and Gain Adjustment
Industrial Process Controls
Machine and Motion Control Devices
Communications
Arbitrary Waveform Generation

description
The TLV5614 is a quadruple 12-bit voltage output
digital-to-analog converter (DAC) with a flexible
four-wire serial interface. The four-wire serial
interface allows glueless interface to TMS320
DSP family, SPI, QSPI, and Microwire serial
ports. The TLV5614 is programmed with a 16-bit
serial word comprised of a DAC address,
individual DAC control bits, and a 12-bit DAC
value. The device has provision for two supplies
– one digital supply for the serial interface (via pins
DVDD and DGND), and one for the DACs,
reference buffers, and output buffers (via pins AVDD and AGND). Each supply is independent of the other and
can be any value between 2.7 V and 5.5 V. The dual supplies allow a typical application where the DAC is
controlled via a microprocessor operating on a 3-V supply (also used on pins DVDD and DGND), with the DACs
operating on a 5-V supply. The digital and analog supplies can be tied together.




Similar Part No. - TLV5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614 TI2-TLV5614 Datasheet
687Kb / 35P
2.7-V TO 5.5-V 12-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2003
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614-EP TI2-TLV5614-EP Datasheet
687Kb / 35P
2.7-V TO 5.5-V 12-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2003
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Similar Description - TLV5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com