Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633 Datasheet (PDF) - Texas Instruments

TLV5633 Datasheet PDF - Texas Instruments
Part # TLV5633
Download  TLV5633 Download
File Size   722.48 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN

TLV5633 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5633 Datasheet PDF - Texas Instruments

Part # TLV5633
Download  TLV5633 Click to download

File Size   722.48 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN

TLV5633 Datasheet (HTML) - Texas Instruments


TLV5633 Product details

FEATURES
· 12-Bit Voltage Output DAC
· Programmable Internal Reference
· Programmable Settling Time vs Power
Consumption
– 1 μs in Fast Mode
– 3.5 μs in Slow Mode
· 8-Bit μController Compatible Interface
· Differential Nonlinearity . . . <0.5 LSB Typ
· Voltage Output Range . . . 2x the Reference
Voltage
· Monotonic Over Temperature

APPLICATIONS
· Digital Servo Control Loops
· Digital Offset and Gain Adjustment
· Industrial Process Control
· Machine and Motion Control Devices
· Mass Storage Devices

DESCRIPTION
The TLV5633 is a 12-bit voltage output digital- to-analog converter (DAC) with an 8-bit microcontroller
compatible parallel interface. The 8 LSBs, the 4 MSBs, and 5 control bits are written using three different
addresses. Developed for a wide range of supply voltages, the TLV5633 can be operated from 2.7 V to 5.5 V.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class A
(slow mode: AB) output stage to improve stability and reduce settling time. The programmable settling time of
the DAC allows the designer to optimize speed versus power dissipation. With its on-chip programmable
precision voltage reference, the TLV5633 simplifies overall system design. Because of its ability to source up to
1 mA, the internal reference can also be used as a system reference. The settling time and the reference
voltage can be chosen by a control register.
Implemented with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It is
available in 20-pin SOIC and TSSOP packages in standard commercial and industrial temperature ranges.




Similar Part No. - TLV5633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633CDW TI-TLV5633CDW Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633CDW TI1-TLV5633CDW Datasheet
361Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633CDWG4 TI-TLV5633CDWG4 Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results


Similar Description - TLV5633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5633C TI-TLV5633C Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI-TLV5639C Datasheet
242Kb / 17P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639CDWR TI-TLV5639CDWR Datasheet
675Kb / 24P
2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C_15 Datasheet
312Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI1-TLV5639C_16 Datasheet
905Kb / 25P
2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com