Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5637CD Datasheet (PDF) - Texas Instruments

TLV5637CD Datasheet PDF - Texas Instruments
Part # TLV5637CD
Download  TLV5637CD Download
File Size   467.9 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN

TLV5637CD Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5637CD Datasheet PDF - Texas Instruments

Part # TLV5637CD
Download  TLV5637CD Click to download

File Size   467.9 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN

TLV5637CD Datasheet (HTML) - Texas Instruments


TLV5637CD Product details

FEATURES
· Dual 10-Bit Voltage Output DAC
· Programmable Internal Reference
· Programmable Settling Time:
– 0.8μs in Fast Mode
– 2.8μs in Slow Mode
· Compatible With TMS320 and SPI™ Serial
Ports
· Differential Nonlinearity <0.1LSB Typ
· Monotonic Over Temperature

APPLICATIONS
· Digital Servo Control Loops
· Digital Offset and Gain Adjustment
· Industrial Process Control
· Machine and Motion Control Devices
· Mass Storage Devices

DESCRIPTION
The TLV5637 is a dual 10-bit voltage output DAC
with a flexible 3-wire serial interface. The serial
interface allows glueless interface to TMS320 and
SPI™, QSPI™, and Microwire™ serial ports. It is
programmed with a 16-bit serial string containing 2
control and 10 data bits.
The resistor string output voltage is buffered by a x2
gain rail-to-rail output buffer. The buffer features a
Class AB output stage to improve stability and
reduce settling time. The programmable settling time of the DAC allows the designer to optimize speed
versus power dissipation. With its on-chip
programmable precision voltage reference, the
TLV5637 simplifies overall system design.
Because of its ability to source up to 1mA, the
reference can also be used as a system reference.
Implemented with a CMOS process, the device is
designed for single supply operation from 2.7V to
5.5V. It is available in an 8-pin SOIC package to
reduce board space in standard commercial and
industrial temperature ranges.




Similar Part No. - TLV5637CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5637CD TI1-TLV5637CD Datasheet
542Kb / 21P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637CD TI-TLV5637CD Datasheet
936Kb / 23P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637CDG4 TI1-TLV5637CDG4 Datasheet
542Kb / 21P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637CDR TI-TLV5637CDR Datasheet
936Kb / 23P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637CDRG4 TI1-TLV5637CDRG4 Datasheet
542Kb / 21P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Similar Description - TLV5637CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI1-TLV5637_12 Datasheet
542Kb / 21P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637_15 Datasheet
553Kb / 22P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638-EP TI1-TLV5638-EP_16 Datasheet
861Kb / 21P
2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637_V01 Datasheet
936Kb / 23P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com