Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS351 Datasheet (PDF) - Texas Instruments

TMDS351 Datasheet PDF - Texas Instruments
Part # TMDS351
Download  TMDS351 Download
File Size   636.3 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5 Gbps 3-TO-1 DVI/HDMI SWITCH

TMDS351 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDS351 Datasheet PDF - Texas Instruments

Part # TMDS351
Download  TMDS351 Click to download

File Size   636.3 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5 Gbps 3-TO-1 DVI/HDMI SWITCH

TMDS351 Datasheet (HTML) - Texas Instruments


TMDS351 Product details

1FEATURES
• Compatible with HDMI 1.3a
• Supports 2.5 Gbps Signaling Rate for 480i/p,
720i/p, and 1080i/p Resolutions up to 12-Bit
Color Depth
• Integrated Receiver Termination
• Selectable Receiver Equalization to
Accommodate to Different Input Cable
Lengths
• Intra-Pair Skew < 40 ps
• Inter-Pair Skew < 65 ps
• HBM ESD Protection Exceeds 8 kV to TMDS
Inputs
• 3.3-V Fixed Supply to TMDS I/Os
• 5-V Fixed Supply to HPD, DDC, and Source
Selection Circuits
• 64-Pin TQFP Package
• ROHS Compatible and 260°C Reflow Rated

APPLICATIONS
• Digital TV
• Digital Projector

DESCRIPTION
The TMDS351 is a 3-port digital video interface (DVI) or high-definition multimedia interface (HDMI) switch that
allows up to 3 DVI or HDMI ports to be switched to a single display terminal. Four TMDS channels, one hot plug
detector, and a digital display control (DDC) interface are supported on each port. Each TMDS channel supports
signaling rates up to 2.5 Gbps to allow 1080p resolution in 12-bit color depth.
When S1 is high and S2 is low, all input terminations are disconnected, TMDS inputs are high impedance with
standard TMDS terminations, all internal MOSFETs are turned off to disable the DDC links, and all HPD outputs
are connected to the HPD_SINK. This allows the initiation of the HDMI physical address discovery process.
Termination resistors (50-Ω), pulled up to VCC, are integrated at each TMDS receiver input. External terminations
are not required. A precision resistor is connected externally from the VSADJ pin to ground for setting the
differential output voltage to be compliant with the TMDS standard.
The TMDS351 provides two levels of receiver input equalization for different ranges of cable lengths. Each
TMDS receiver owns frequency responsive equalization circuits. When EQ sets low, the receiver supports the
input connection in short range HDMI cables. When EQ sets high, the receiver supports the input connection in
long range HDMI cables. The TMDS351 supports power saving operation. When a system is under standby
mode and there is no digital audio/visual content from a connected source, the 3.3-V supply voltage, VCC, can be
powered off to minimize power consumption from the TMDS inputs, outputs, and internal switching circuits. The
HPD, DDC, and source selection circuits are powered up by the 5-V supply voltage, VDD, to maintain the system
hot plug detect response, the DDC link from the selected source to the sink under system standby operation. The
device is characterized for operation from 0°C to 70°C.




Similar Part No. - TMDS351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS351PAG TI-TMDS351PAG Datasheet
533Kb / 25P
2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS351PAGR TI-TMDS351PAGR Datasheet
533Kb / 25P
2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
More results


Similar Description - TMDS351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
4-TO-2 DVI/HDMI SWITCH
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS361 TI-TMDS361 Datasheet
2Mb / 42P
1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
4-TO-2 DVI/HDMI SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com