Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103 Datasheet (PDF) - Texas Instruments

TMP103 Datasheet PDF - Texas Instruments
Part # TMP103
Download  TMP103 Download
File Size   559.37 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP

TMP103 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP103 Datasheet PDF - Texas Instruments

Part # TMP103
Download  TMP103 Click to download

File Size   559.37 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP

TMP103 Datasheet (HTML) - Texas Instruments


TMP103 Product details

1 Features
1• Multiple Device Access (MDA):
– Global Read/Write Operations
• I2C™ and SMBus™-Compatible Interface
• Resolution: 8 Bits
• Accuracy: ±1°C Typical (–10°C to 100°C)
• Low Quiescent Current:
– 3-μA Active IQ at 0.25 Hz
– 1-μA Shutdown
• Supply Range: 1.4 V to 3.6 V
• Digital Output
• 4-Ball WCSP (DSBGA) Package

2 Applications
• Handsets
• Notebooks
• SSDs
• Servers
• Telecom
• Set Top Boxes
• Low Power Environmental
• Sensors

3 Description
The TMP103 is a digital output temperature sensor in
a four-ball wafer chip-scale package (WCSP). The
TMP103 is capable of reading temperatures to a
resolution of 1°C.
The TMP103 features a two-wire interface that is
compatible with both I2C and SMBus interfaces. In
addition, the interface supports multiple device
access (MDA) commands that allow the master to
communicate with multiple devices on the bus
simultaneously, eliminating the need to send
individual commands to each TMP103 on the bus.
Up to eight TMP103s can be tied together in parallel
and easily read by the host. The TMP103 is
especially suitable for space-constrained, powersensitive
applications with multiple temperature
measurement zones that must be monitored.
The TMP103 is specified for operation over a
temperature range of –40°C to 125°C.




Similar Part No. - TMP103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103 TI-TMP103 Datasheet
472Kb / 23P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
Low-Power, Digital Temperature Sensor
TMP103AYFFR TI-TMP103AYFFR Datasheet
472Kb / 23P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP103AYFFR TI1-TMP103AYFFR Datasheet
992Kb / 30P
Low-Power, Digital Temperature Sensor
TMP103AYFFT TI-TMP103AYFFT Datasheet
472Kb / 23P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
More results


Similar Description - TMP103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP103 TI-TMP103 Datasheet
472Kb / 23P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP108 TI-TMP108 Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com