Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP105 Datasheet (PDF) - Texas Instruments

TMP105 Datasheet PDF - Texas Instruments
Part # TMP105
Download  TMP105 Download
File Size   445.38 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Temperature Sensor with Two-Wire Interface

TMP105 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP105 Datasheet PDF - Texas Instruments

Part # TMP105
Download  TMP105 Click to download

File Size   445.38 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Temperature Sensor with Two-Wire Interface

TMP105 Datasheet (HTML) - Texas Instruments


TMP105 Product details

1FEATURES
23• SUPPORTS 1.8V I2C™ BUS
• TWO ADDRESSES
• DIGITAL OUTPUT: Two-Wire Serial Interface
• RESOLUTION: 9- to 12-Bits, User-Selectable
• ACCURACY:
– ±2.0°C (max) from –25°C to +85°C
– ±3.0°C (max) from –40°C to +125°C
• LOW QUIESCENT CURRENT:
50μA, 1.5μA Standby
• NO POWER-UP SEQUENCE REQUIRED, I2C
PULLUPS CAN BE ENABLED PRIOR TO V+

APPLICATIONS
• CELL PHONES
• COMPUTER PERIPHERAL THERMAL
PROTECTION
• NOTEBOOK COMPUTERS
• BATTERY MANAGEMENT
• THERMOSTAT CONTROLS
• ENVIRONMENTAL MONITORING AND HVAC

DESCRIPTION
The TMP105 is a two-wire, serial output temperature sensor available in a WCSP package. Requiring no
external components, the TMP105 is capable of
reading temperatures with a resolution of 0.0625°C.
The TMP105 features a Two-Wire interface that is
SMBus-compatible, with the TMP105 allowing up to
two devices on one bus. The TMP105 features an SMBus Alert function.
The TMP105 is ideal for extended temperature
measurement in a variety of communication,
computer, consumer, environmental, industrial, and
instrumentation applications.
The TMP105 is specified for operation over a
temperature range of –40°C to +125°C.




Similar Part No. - TMP105

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
Tumbler Technologies + ...
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
90-105 Watts Medical & ITE Power Adapters
TMP105-12 TRUMPOWER-TMP105-12 Datasheet
161Kb / 2P
90-105 Watts Medical & ITE Power Adapters
TMP105-13 TRUMPOWER-TMP105-13 Datasheet
161Kb / 2P
90-105 Watts Medical & ITE Power Adapters
TMP105-15 TRUMPOWER-TMP105-15 Datasheet
161Kb / 2P
90-105 Watts Medical & ITE Power Adapters
More results


Similar Description - TMP105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
LM84 TI-LM84_15 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com