Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP141 Datasheet (PDF) - Texas Instruments

TMP141 Datasheet PDF - Texas Instruments
Part # TMP141
Download  TMP141 Download
File Size   395.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Out Temperature Sensor with Single-Wire SensorPath Bus

TMP141 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP141 Datasheet PDF - Texas Instruments

Part # TMP141
Download  TMP141 Click to download

File Size   395.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Out Temperature Sensor with Single-Wire SensorPath Bus

TMP141 Datasheet (HTML) - Texas Instruments


TMP141 Product details

FEATURES
SensorPath INTERFACE
FOUR ADDRESSES
RESOLUTION: +0.25°C (10-bit)
WIDE TEMPERATURE RANGE:
−40°C to +125°C
LOW QUIESCENT CURRENT: 110μA (typ)
TEMPERATURE ACCURACY: ±2°C (max)
EXTENDED SUPPLY RANGE: +2.7V to +5.5V
MICRO-SIZE PACKAGES:
SOT23-6 or MSOP-8

APPLICATIONS
MOTHERBOARDS
VIDEO CARDS
BASE STATIONS
ROUTERS

DESCRIPTION
The TMP141 is a digital output temperature sensor that
utilizes the single-wire SensorPath interface. The TMP141
is capable of measuring temperatures within 2°C of
accuracy over a temperature range of −25°C to +85°C and
3°C of accuracy over −40°C to +125°C. Low supply
current, and a supply range from 2.7V to 5.5V, make the
TMP141 an excellent candidate for a wide range of
low-power applications. The TMP141 is available in
SOT23-6 and MSOP-8 packages.
The TMP141 provides a simple, low-cost way to do
temperature measurement/monitoring and is ideal as a
part of an overall hardware health monitoring system. Up
to four TMP141s can be attached to a SensorPath bus. A
master configures the TMP141s and reads the
temperature output from all devices. No external sensing
components are needed for the TMP141 to measure and
report temperature.




Similar Part No. - TMP141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
651Kb / 24P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141AIDBVR TI-TMP141AIDBVR Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141AIDBVR TI-TMP141AIDBVR Datasheet
651Kb / 24P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141AIDBVRG4 TI-TMP141AIDBVRG4 Datasheet
651Kb / 24P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
More results


Similar Description - TMP141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
340Kb / 24P
Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
0.5 C Digital Out Temperature Sensor
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
Digital Temperature Sensor with SensorPath Bus
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com