Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP392 Datasheet (PDF) - Texas Instruments

TMP392 Datasheet PDF - Texas Instruments
Part # TMP392
Download  TMP392 Download
File Size   612.64 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch

TMP392 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP392 Datasheet PDF - Texas Instruments

Part # TMP392
Download  TMP392 Click to download

File Size   612.64 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch

TMP392 Datasheet (HTML) - Texas Instruments


TMP392 Product details

1 Features
1• Resistor programmable temperature trip points
and hysteresis options
– Resistor tolerances contribute zero error
– Hysteresis options: 5°C, 10°C and 20°C
• Dual outputs for overtemperature detection
– Channel A (overtemperature-hot): +30 to
+124°C, 2°C steps
– Channel B (overtemperature-warm): +30 to
+105°C, 5°C steps
• Accuracy level options (maximum at +30°C to
+130°C):
– A2 Level: ±3.0°C (±1.5°C from +30°C to
+70°C)
– A3 Level: ±3.5°C (±2.0°C from +30°C to
+70°C)
• Ultra-low power consumption: 0.5 μA typical at
25°C
• Supply voltage: 1.62 to 5.5 V
• Open-drain outputs
• Trip test function enables in-system testing
• Available in a SOT-563 (1.60-mm × 1.20-mm),
6-pin package

2 Applications
• DC/AC inverter
• DC/DC converter
• Temperature transmitters
• Environmental control systems (ECS)
• Power tools
• Power banks
• Lighting Control
• Industrial Robots
• Machine Vision
• STB & DVR
• WLAN/Wi-Fi access points

3 Description
The TMP392 device is part of a family of ultra-low
power, dual channel, resistor programmable
temperature switches that enable protection and
detection of system thermal events from 30°C to
130°C. The TMP392 offers dual overtemperature (hot
and warm) detection. The trip temperatures (TTRIP)
and thermal hysteresis (THYST) options are
programmed by two E96-series resistors (1%
tolerance) on the SETA and SETB pins. Channel A
resistors can range from 1.05 KΩ to 909 KΩ,
representing one of 48 unique values. Channel B
resistors can range from 10.5 KΩ to 909 KΩ
The value of the resistor to ground on SETA input
sets the TTRIP threshold of Channel A. The value of
the resistor to ground on SETB input sets the TTRIP
threshold of Channel B, as well as the THYST options
of 5°C, or 10°C for both channels, to prevent
undesired digital output switching. When the SETB
input is connected to ground, Channel A operates
with 20°C hysteresis. Resistors accuracy has no
impact to TTRIP accuracy.
To enable customer board-level manufacturing, the
TMP392 supports a trip test function where the digital
outputs are activated by exercising the SETA or
SETB pin.




Similar Part No. - TMP392

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP392 TI1-TMP392 Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP392 TI2-TMP392 Datasheet
838Kb / 27P
TMP390 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
REVISED AUGUST 2020
TMP392A2DRLR TI1-TMP392A2DRLR Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP392A2DRLT TI1-TMP392A2DRLT Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP392A3DRLR TI1-TMP392A3DRLR Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
More results


Similar Description - TMP392

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP390 TI1-TMP390 Datasheet
995Kb / 28P
Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Temperature Switch
TMP390-Q1 TI1-TMP390-Q1 Datasheet
516Kb / 24P
TMP390-Q1 Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Hot and Cold Trip Temperature Switch
TMP392 TI1-TMP392 Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP390-Q1 TI1-TMP390-Q1_V01 Datasheet
1Mb / 27P
TMP390-Q1 Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Hot and Cold Trip Temperature Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com