Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP400 Datasheet (PDF) - Texas Instruments

TMP400 Datasheet PDF - Texas Instruments
Part # TMP400
Download  TMP400 Download
File Size   771.11 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±1°C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction

TMP400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP400 Datasheet PDF - Texas Instruments

Part # TMP400
Download  TMP400 Click to download

File Size   771.11 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±1°C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction

TMP400 Datasheet (HTML) - Texas Instruments


TMP400 Product details

1FEATURES
234· ±1°C REMOTE DIODE SENSOR
· ±1°C LOCAL TEMPERATURE SENSOR
· PROGRAMMABLE NON-IDEALITY FACTOR
· PROGRAMMABLE SERIES RESISTANCE
CANCELLATION
· ALERT FUNCTION
· PROGRAMMABLE RESOLUTION: 9 to 12 Bits
· PROGRAMMABLE THRESHOLD LIMITS
· TWO-WIRE/SMBus™ SERIAL INTERFACE
· MINIMUM AND MAXIMUM TEMPERATURE
MONITORS
· MULTIPLE INTERFACE ADDRESSES
· ALERT PIN CONFIGURATION
· DIODE FAULT DETECTION

APPLICATIONS
· LCD/DLP®/LCOS PROJECTORS
· SERVERS
· INDUSTRIAL CONTROLLERS
· CENTRAL OFFICE TELECOM EQUIPMENT
· DESKTOP AND NOTEBOOK COMPUTERS
· STORAGE AREA NETWORKS (SAN)
· INDUSTRIAL AND MEDICAL EQUIPMENT
· PROCESSOR/FPGA TEMPERATURE
MONITORING

DESCRIPTION
The TMP400 is a remote temperature sensor monitor
with a built-in local temperature sensor. The remote
temperature sensor diode-connected transistors are typically low-cost, NPN- or PNP-type transistors or
diodes that are an integral part of microcontrollers,
microprocessors, or FPGAs.
Remote accuracy is ±1°C for multiple IC
manufacturers, with no calibration needed. The
Two-Wire serial interface accepts SMBus write byte,
read byte, send byte, and receive byte commands to program the alarm thresholds and to read
temperature data.
The TMP400 is customizable with programmable:
series resistance cancellation, non-ideality factor,
resolution, and threshold limits. Other features are:
minimum and maximum temperature monitors, wide
remote temperature measurement range (up to
+127.9375°C), diode fault detection, and temperature
alert function.
The TMP400 is available in a QSSOP-16 package.




Similar Part No. - TMP400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Tumbler Technologies + ...
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TMP400-18 TRUMPOWER-TMP400-18 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TMP400-24 TRUMPOWER-TMP400-24 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TMP400-28 TRUMPOWER-TMP400-28 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
More results


Similar Description - TMP400

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com