Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP401 Datasheet (PDF) - Texas Instruments

TMP401 Datasheet PDF - Texas Instruments
Part # TMP401
Download  TMP401 Download
File Size   660.88 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor

TMP401 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP401 Datasheet PDF - Texas Instruments

Part # TMP401
Download  TMP401 Click to download

File Size   660.88 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor

TMP401 Datasheet (HTML) - Texas Instruments


TMP401 Product details

1 Features
1• ±1°C Remote Diode Sensor
• ±3°C Local Temperature Sensor
• Series Resistance Cancellation
• THERM Flag Output
• ALERT/THERM2 Flag Output
• Programmable Over- and Undertemperature
Limits
• Programmable Resolution: 9- to 12-Bit
• Diode Fault Detection
• SMBus-Compatible

2 Applications
• Servers and Workstations
• Desktop and Notebook Computers
• Telecom and Network Infrastructure
• Set Top Boxes

3 Description
The TMP401 is a remote temperature sensor monitor
with a built-in local temperature sensor. The remote sensor is capable of monitoring the temperature of
any external PN junction. Typical sense elements
include low-cost NPN- or PNP-type transistors and
diodes, or accessible thermal diodes integrated within microcontrollers, microprocessors, or field-
programmable gate arrays (FPGAs).
The accuracy of the remote sensor is ±1°C for multiple IC manufacturers, with no calibration needed.
The two-wire serial interface accepts SMBus write
byte, read byte, send byte, and receive byte
commands to program alarm thresholds and to read
temperature data.
Features included in the TMP401 are series
resistance cancellation, wide remote temperature measurement range (up to +150°C), diode fault
detection, and temperature alert functions.




Similar Part No. - TMP401

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
TMP401AIDGKR BURR-BROWN-TMP401AIDGKR Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
TMP401AIDGKRG4 BURR-BROWN-TMP401AIDGKRG4 Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
TMP401AIDGKT BURR-BROWN-TMP401AIDGKT Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
TMP401AIDGKTG4 BURR-BROWN-TMP401AIDGKTG4 Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
More results


Similar Description - TMP401

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com