Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP122 Datasheet (PDF) - Texas Instruments

TMP122 Datasheet PDF - Texas Instruments
Part # TMP122
Download  TMP122 Download
File Size   649.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5°C Accurate Programmable Digital Temperature Sensors with SPI™ Interface

TMP122 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP122 Datasheet PDF - Texas Instruments

Part # TMP122
Download  TMP122 Click to download

File Size   649.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5°C Accurate Programmable Digital Temperature Sensors with SPI™ Interface

TMP122 Datasheet (HTML) - Texas Instruments


TMP122 Product details

FEATURES
DIGITAL OUTPUT: SPI-Compatible Interface
PROGRAMMABLE RESOLUTION:
9- to 12-Bits + Sign
ACCURACY:
±1.5°C from –25°C to +85°C (max)
±2.0°C from –40°C to +125°C (max)
LOW QUIESCENT CURRENT: 50μA
WIDE SUPPLY RANGE: 2.7V to 5.5V
TINY SOT23-6 AND SO-8 PACKAGES
OPERATION TO 150°C
PROGRAMMABLE HIGH/LOW SETPOINTS

APPLICATIONS
POWER-SUPPLY TEMPERATURE MONITORING
COMPUTER PERIPHERAL THERMAL PROTECTION
NOTEBOOK COMPUTERS
CELL PHONES
BATTERY MANAGEMENT
OFFICE MACHINES
THERMOSTAT CONTROLS
ENVIRONMENTAL MONITORING and HVAC
ELECTROMECHANICAL DEVICE TEMPERATURE

DESCRIPTION
The TMP122 and TMP124 are SPI-compatible temperature
sensors available in SOT23-6 and SO-8 packages. Requiring
only a pull-up resistor for complete function, the TMP122
and TMP124 temperature sensors are capable of measuring
temperatures within 2°C of accuracy over a temperature
range of –40°C to +125°C, with operation up to 150°C.
Programmable resolution, programmable set points and shut
down function provide versatility for any application. Low
supply current and a supply range from 2.7V to 5.5V make
the TMP122 and TMP124 excellent candidates for lowpower
applications.
The TMP122 and TMP124 are ideal for extended thermal
measurement in a variety of communication, computer, consumer,
environmental, industrial, and instrumentation applications.




Similar Part No. - TMP122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122 TI-TMP122 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP122 TI1-TMP122 Datasheet
511Kb / 19P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP122 TI2-TMP122 Datasheet
655Kb / 21P
1.5°C Accurate Programmable Digital Temperature Sensors with SPI™ Interface
REVISED DECEMBER 2003
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Similar Description - TMP122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_06 Datasheet
421Kb / 11P
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_08 Datasheet
117Kb / 9P
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP122 TI1-TMP122_15 Datasheet
511Kb / 19P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com