Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP75B Datasheet (PDF) - Texas Instruments

TMP75B Datasheet PDF - Texas Instruments
Part # TMP75B
Download  TMP75B Download
File Size   746.4 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert

TMP75B Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP75B Datasheet PDF - Texas Instruments

Part # TMP75B
Download  TMP75B Click to download

File Size   746.4 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert

TMP75B Datasheet (HTML) - Texas Instruments


TMP75B Product details

1 Features
1• Low-Voltage Alternative to LM75 and TMP75
• Digital Output with Standard Two-Wire Serial
Interface
• Up to 8 Pin-Programmable Bus Addresses
• Overtemperature ALERT Pin with Programmable
Trip Values
• Shutdown Mode for Battery Power Saving
• One-Shot Conversion Mode for Custom Update
Rates
• Operating Temperature Range: –55°C to +125°C
• Operating Supply Range: 1.4 V to 3.6 V
• Quiescent Current:
– 45 μA Active (typ)
– 0.3 μA Shutdown (typ)
• Accuracy:
– ±0.5°C (typ) from –20°C to +85°C
– ±1°C (typ) from –55°C to +125°C
• Resolution: 12 Bits (0.0625°C)
• Packages: SOIC-8 and VSSOP-8

2 Applications
• Server and Computer Thermal Management
• Telecommunication Equipment
• Office Machines
• Video Game Consoles
• Set-Top Boxes
• Power Supply and Battery Thermal Protection
• Thermostat Control
• Environmental Monitoring and HVAC
• Electrical Motor Driver Thermal Protection

3 Description
The TMP75B is an integrated digital temperature
sensor with a 12-bit analog-to-digital converter (ADC) that can operate at a 1.8-V supply, and is pin and
register compatible with the industry-standard LM75
and TMP75. This device is available in SOIC-8 and
VSSOP-8 packages, and requires no external
components to sense the temperature. The TMP75B
is capable of reading temperatures with a resolution
of 0.0625°C and is specified over a temperature
range of –55°C to +125°C.
The TMP75B features SMBus and two-wire interface
compatibility, and allows up to eight devices on the
same bus with the SMBus overtemperature alert
function. The programmable temperature limits and
the ALERT pin allow the sensor to operate as a
stand-alone thermostat, or an overtemperature alarm
for power throttling or system shutdown.
The factory-calibrated temperature accuracy and the
noise-immune digital interface make the TMP75B the
preferred solution for temperature compensation of
other sensors and electronic components, without the
need for additional system-level calibration or
elaborate board layout for distributed temperature
sensing.
The TMP75B is ideal for thermal management and
protection of a variety of consumer, computer,
communication, industrial, and environmental
applications.




Similar Part No. - TMP75B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B TI-TMP75B Datasheet
989Kb / 31P
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
989Kb / 31P
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BID TI-TMP75BID Datasheet
989Kb / 31P
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BIDGKR TI-TMP75BIDGKR Datasheet
989Kb / 31P
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results


Similar Description - TMP75B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75B TI-TMP75B Datasheet
989Kb / 31P
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com