Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP75C Datasheet (PDF) - Texas Instruments

TMP75C Datasheet PDF - Texas Instruments
Part # TMP75C
Download  TMP75C Download
File Size   747.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert

TMP75C Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP75C Datasheet PDF - Texas Instruments

Part # TMP75C
Download  TMP75C Click to download

File Size   747.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert

TMP75C Datasheet (HTML) - Texas Instruments


TMP75C Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C5
• Low-Voltage Alternative to NCT75 and ADT75
• Digital Output with Two-Wire Serial Interface
• Up to 8 Pin-Programmable Bus Addresses
• Overtemperature ALERT Pin with Programmable
Trip Values
• Shutdown Mode for Battery Power Saving
• One-Shot Conversion Mode
• Operating Temperature Range: –40°C to +125°C
• Operating Supply Range: 1.4 V to 3.6 V
• Quiescent Current:
15 μA Active (typ), 0.3 μA Shutdown (typ)
• Accuracy:
– ±0.25°C (typ) from 0°C to +70°C
– ±0.5°C (typ) from –20°C to +85°C
– ±1°C (typ) from –40°C to +125°C
• Resolution: 12 Bits (0.0625°C)
• Packages: SOIC-8 and VSSOP-8

2 Applications
• Server and Computer Thermal Management
• Telecommunication Equipment
• Office Machines, Set-Top Boxes,
Thermostat Controls
• Video Game Consoles
• Power Supply and Battery Thermal Protection
• Environmental Monitoring and HVAC
• Electrical Motor Driver Thermal Protection

3 Description
The TMP75C-Q1 is an integrated digital temperature
sensor with a 12-bit analog-to-digital converter (ADC)
that can operate at a 1.8-V supply, and is pin and
register compatible with the NCT75 and ADT75. This
device is available in SOIC-8 and VSSOP-8
packages and requires no external components to
sense the temperature. The TMP75C-Q1 is capable
of reading temperatures with a resolution of 0.0625°C
and is specified over a temperature range of –40°C to
+125°C.
The TMP75C-Q1 features SMBus and two-wire
interface compatibility, and allows up to eight devices
on the same bus with the SMBus overtemperature
alert function. The programmable temperature limits
and the ALERT pin allow the sensor to operate as a
stand-alone thermostat, or an overtemperature alarm
for power throttling or system shutdown.
The factory-calibrated temperature accuracy and the
noise-immune digital interface make the TMP75C-Q1
the preferred solution for temperature compensation
of other sensors and electronic components, without
the need for additional system-level calibration or
elaborate board layout for distributed temperature
sensing.
The TMP75C-Q1 is ideal for thermal management
and protection of a variety of consumer, computer,
communication, industrial, and environmental
applications.




Similar Part No. - TMP75C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75C TI-TMP75C Datasheet
980Kb / 31P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI2-TMP75C Datasheet
735Kb / 33P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
REVISED AUGUST 2014
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI2-TMP75C-Q1 Datasheet
735Kb / 33P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
REVISED AUGUST 2014
TMP75CID TI-TMP75CID Datasheet
980Kb / 31P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results


Similar Description - TMP75C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75B TI-TMP75B Datasheet
989Kb / 31P
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com