Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP441 Datasheet (PDF) - Texas Instruments

TMP441 Datasheet PDF - Texas Instruments
Part # TMP441
Download  TMP441 Download
File Size   685.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8

TMP441 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP441 Datasheet PDF - Texas Instruments

Part # TMP441
Download  TMP441 Click to download

File Size   685.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8

TMP441 Datasheet (HTML) - Texas Instruments


TMP441 Product details

FEATURES
234· SOT23-8 PACKAGE
· ±1°C REMOTE DIODE SENSOR (MAX)
· ±1°C LOCAL TEMPERATURE SENSOR (MAX)
· AUTOMATIC BETA COMPENSATION
· SERIES RESISTANCE CANCELLATION
· h-FACTOR CORRECTION
· TWO-WIRE/SMBus™ SERIAL INTERFACE
· MULTIPLE INTERFACE ADDRESSES
· DIODE FAULT DETECTION
· RoHS-COMPLIANT AND NO Sb/Br
· TRANSISTOR AND DIODE MODEL
OPERATION

APPLICATIONS
· PROCESSOR/FPGA TEMPERATURE
MONITORING
· LCD/DLP®/LCOS PROJECTORS
· SERVERS
· CENTRAL OFFICE TELECOM EQUIPMENT · STORAGE AREA NETWORKS (SAN)

DESCRIPTION
The TMP441 and TMP442 are remote temperature
monitors with a built-in local temperature sensor.
Remote temperature sensor diode-connected transistors are typically low-cost, NPN- or PNP-type
transistors or diodes that are an integral part of
microcontrollers, microprocessors, or
field-programmable gate arrays (FPGAs).
Remote accuracy is ±1°C for multiple IC
manufacturers, with no calibration needed. The Two-Wire serial interface accepts SMBus write byte,
read byte, send byte, and receive byte commands to
configure the device.
The TMP441 has a single remote temperature
monitor with address pins. The TMP442 has dual
remote temperature monitors, and is available with
two different interface addresses. All versions include
automatic beta compensation (correction), series
resistance cancellation, programmable non-ideality
factor (h-factor), wide remote temperature measurement range (up to +150°C), and diode fault
detection.
The TMP441 and TMP442 are both available in an 8-lead, SOT23 package.




Similar Part No. - TMP441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP441 TI2-TMP441 Datasheet
691Kb / 29P
±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
REVISED MARCH 2009
TMP441AIDCNR TI1-TMP441AIDCNR Datasheet
764Kb / 28P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP441AIDCNR TI2-TMP441AIDCNR Datasheet
691Kb / 29P
±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
REVISED MARCH 2009
TMP441AIDCNR.A TI2-TMP441AIDCNR.A Datasheet
691Kb / 29P
±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
REVISED MARCH 2009
More results


Similar Description - TMP441

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com