Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C25FNL.A Datasheet (PDF) - Texas Instruments

TMS320C25FNL.A Datasheet PDF - Texas Instruments
Part # TMS320C25FNL.A
Download  TMS320C25FNL.A Download
File Size   617.47 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS

TMS320C25FNL.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMS320C25FNL.A Datasheet PDF - Texas Instruments

Part # TMS320C25FNL.A
Download  TMS320C25FNL.A Click to download

File Size   617.47 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS

TMS320C25FNL.A Datasheet (HTML) - Texas Instruments


TMS320C25FNL.A Product details

80-ns Instruction Cycle Time
544 Words of On-Chip Data RAM
4K Words of On-Chip Secure Program
EPROM (TMS320E25)
4K Words of On-Chip Program ROM
(TMS320C25)
128K Words of Data/Program Space
32-Bit ALU/Accumulator
16  16-Bit Multiplier With a 32-Bit Product
Block Moves for Data/Program
Management
Repeat Instructions for Efficient Use of
Program Space
Serial Port for Direct Codec Interface
Synchronization Input for Synchronous
Multiprocessor Configurations
Wait States for Communication to Slow
Off-Chip Memories/Peripherals
On-Chip Timer for Control Operations
Single 5-V Supply
Packaging: 68-Pin PGA, PLCC, and
CER-QUAD
68-to-28 Pin Conversion Adapter Socket for
EPROM Programming
Commercial and Military Versions Available
NMOS Technology:
— TMS32020 . . . . . . . . . 200-ns cycle time
CMOS Technology:
— TMS320C25 . . . . . . . . 100-ns cycle time
— TMS320E25 . . . . . . . . 100-ns cycle time
— TMS320C25-50 . . . . . . 80-ns cycle time

description
This data sheet provides complete design documentation for the second-generation devices of the TMS320
family. This facilitates the selection of the devices best suited for user applications by providing all specifications
and special features for each TMS320 member. This data sheet is divided into four major sections: architecture,
electrical specifications (NMOS and CMOS), timing diagrams, and mechanical data. In each of these sections,
generic information is presented first, followed by specific device information. An index is provided for quick
reference to specific information about a device.




Similar Part No. - TMS320C25FNL.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C25FNL TI-TMS320C25FNL Datasheet
603Kb / 69P
SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
TMS320C25FNL TI1-TMS320C25FNL Datasheet
544Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS320C25FNL33 TI1-TMS320C25FNL33 Datasheet
544Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS320C25FNL50 TI-TMS320C25FNL50 Datasheet
555Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS320C25FNLR TI-TMS320C25FNLR Datasheet
603Kb / 69P
SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
More results


Similar Description - TMS320C25FNL.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
TMS320 TI-TMS320 Datasheet
603Kb / 69P
SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
TMS320 TI1-TMS320_13 Datasheet
544Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
TMS320C25FNL50 TI-TMS320C25FNL50 Datasheet
555Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com