Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3955 Datasheet (PDF) - Adafruit Industries

3955 Datasheet PDF - Adafruit Industries
Part # 3955
Download  3955 Download
File Size   391.21 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description JST PH 4-Pin to Male Header Cable - I2C STEMMA Cable - 200mm

3955 Datasheet (PDF)

Go To PDF Page Download Datasheet
3955 Datasheet PDF - Adafruit Industries

Part # 3955
Download  3955 Click to download

File Size   391.21 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description JST PH 4-Pin to Male Header Cable - I2C STEMMA Cable - 200mm

3955 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3955

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3955 ALLEGRO-3955 Datasheet
131Kb / 16P
FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
More results


Similar Description - 3955

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
ACB725000 OPTOSUPPLY-ACB725000 Datasheet
568Kb / 1P
T10WG to JST compatible male socket cable wire Net Weight: 2g
ACC725000 OPTOSUPPLY-ACC725000 Datasheet
568Kb / 1P
BA9S to JST compatible male socket cable wire Net Weight: 2.5g
AC8221020 OPTOSUPPLY-AC8221020 Datasheet
580Kb / 1P
JST compatible female socket to 4-pin socket cable wire
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
CABLE: CABLE-JST XHP 5WAY, 300mm
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
logo
SparkFun Electronics
CAB-14991 SPARKFUN-CAB-14991 Datasheet
104Kb / 2P
Cable - 5 Pin 1mm Pitch - 200mm
12??0??8
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com