Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6104 Datasheet (PDF) - Texas Instruments

TMUX6104 Datasheet PDF - Texas Instruments
Part # TMUX6104
Download  TMUX6104 Download
File Size   670.53 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX6104 36-V, Low-Capacitance, Low-Leakage-Current, Precision, 4:1 Analog Multiplexer

TMUX6104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX6104 Datasheet PDF - Texas Instruments

Part # TMUX6104
Download  TMUX6104 Click to download

File Size   670.53 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX6104 36-V, Low-Capacitance, Low-Leakage-Current, Precision, 4:1 Analog Multiplexer

TMUX6104 Datasheet (HTML) - Texas Instruments


TMUX6104 Product details

1 Features
1• Low On-Capacitance: 5 pF
• Low Input Leakage: 5 pA
• Low Charge Injection: 0.35 pC
• Rail-to-Rail Operation
• Wide Supply Range: ±5 V to ±16.5 V (Dual
Supplies) or 10 V to 16.5 V (Single Supply)
• Low On-Resistance: 125 Ω
• Transition Time: 88 ns
• Break-Before-Make Switching Action
• EN Pin Connectable to VDD With Integrated Pulldown
• Logic Levels: 2 V to VDD
• Low Supply Current: 17 μA
• ESD Protection HBM: 2000 V
• Industry-Standard TSSOP Package

2 Applications
• Factory Automation and Industrial Process
Controls
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• ATE Test Equipment
• Digital Multimeters
• Battery Monitoring Systems

3 Description
The TMUX6104 is a modern complementary metaloxide
semiconductor (CMOS) analog multiplexer
(MUX) that offers 4:1 single-ended multiplexing. The
devices work well with dual supplies (±5 V to ±16.5
V), a single supply (10 V to 16.5 V), or unsymmetric
supplies (such as VDD = 12 V, VSS = –5 V). All digital
inputs have transistor-transistor logic (TTL)
compatible thresholds, ensuring both TTL and CMOS
logic compatibility.
The TMUX6104 multiplexes one of four inputs (Sx) to
a common output (D), depending on the status of the
address pins (A0/ A1) and the enable pin (EN). Each
switch conducts equally well in both directions in the
ON position and supports input signal range up to the
supplies. In the OFF condition, signal levels up to the
supplies are blocked. All switches exhibit breakbefore-
make (BBM) switching action.
The TMUX6104 device is part of Texas Instruments
Precision Switches and Multiplexers family. The
family of devices have very low leakage current and
charge injection, allowing them to be used in highprecision
measurement applications. Low supply
current of 17 μA enables the device's usage in
portable applications.




Similar Part No. - TMUX6104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
TMUX6104 TI2-TMUX6104 Datasheet
676Kb / 32P
TMUX6104 36-V, Low-Capacitance, Low-Leakage-Current, Precision, 4:1 Analog Multiplexer
REVISED SEPTEMBER 2018
TMUX6104PWR TI1-TMUX6104PWR Datasheet
435Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
TMUX6104PWR TI2-TMUX6104PWR Datasheet
676Kb / 32P
TMUX6104 36-V, Low-Capacitance, Low-Leakage-Current, Precision, 4:1 Analog Multiplexer
REVISED SEPTEMBER 2018
TMUX6104PWR.B TI2-TMUX6104PWR.B Datasheet
676Kb / 32P
TMUX6104 36-V, Low-Capacitance, Low-Leakage-Current, Precision, 4:1 Analog Multiplexer
REVISED SEPTEMBER 2018
More results


Similar Description - TMUX6104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX1104 TI1-TMUX1104 Datasheet
587Kb / 26P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
TMUX1104 TI1-TMUX1104_19 Datasheet
1Mb / 35P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com