Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6119 Datasheet (PDF) - Texas Instruments

TMUX6119 Datasheet PDF - Texas Instruments
Part # TMUX6119
Download  TMUX6119 Download
File Size   606.86 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX6119 ±16.5-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switch

TMUX6119 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX6119 Datasheet PDF - Texas Instruments

Part # TMUX6119
Download  TMUX6119 Click to download

File Size   606.86 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX6119 ±16.5-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switch

TMUX6119 Datasheet (HTML) - Texas Instruments


TMUX6119 Product details

1 Features
1• Wide Supply Range: ±5 V to ±16.5 V (Dual) or 10
V to 16.5 V (Single)
• Latch-Up Performance Meets 100 mA per
JESD78 Class II Level A on all Pins
• Low On-Capacitance: 6.4 pF
• Low Input Leakage: 0.5 pA
• Low Charge Injection: 0.19 pC
• Rail-to-Rail Operation
• Low On-Resistance: 120 Ω
• Transition Time: 68 ns
• Break-Before-Make Switching Action
• EN Pin and SEL Pin Connectable to VDD with
Integrated Pull-down
• Logic Levels: 2 V to VDD
• Low Supply Current: 17 μA
• Human Body Model (HBM) ESD Protection: ±2 kV
on All Pins
• Industry-Standard SOT-23 Package

2 Applications
• Factory Automation and Industrial Process
Controls
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• ATE Test Equipment
• Digital Multimeters
• Battery Monitoring Systems

3 Description
The TMUX6119 is a modern complementary metaloxide
semiconductor (CMOS) single-pole, double
throw (SPDT) switch. The device works well with dual
supplies (±5 V to ±16.5 V), a single supply (10 V to
16.5 V), or asymmetric supplies. Both digital input
pins (EN and SEL) have transistor-transistor logic
(TTL) compatible thresholds, ensuring both TTL/
CMOS logic compatibility.
The TMUX6119 can be enabled or disabled by
controlling the EN pin. When disabled, both channel
switches are off. When enabled, the SEL pin can be
used to turn on channel A (SA to D) or channel B (SB
to D). Each channel conducts equally well in both
directions and has an input signal range that extends
to the supplies. The switches of TMUX6119 exhibit
break-before-make (BBM) switching action.
The TMUX6119 is part of Texas Instruments
Precision Switches and Multiplexers family. The
TMUX6119 has very low leakage currents and charge
injection, allowing the device to be used in high
precision measurement applications. The device also
provides excellent isolation capability by blocking
signal levels up to the supplies when the switches are
in the OFF position. A low supply current of 17 μA
enables usage in portable applications.




Similar Part No. - TMUX6119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6119DCNR TI1-TMUX6119DCNR Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
More results


Similar Description - TMUX6119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
TMUX6136 TI1-TMUX6136 Datasheet
1Mb / 31P
(-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com