Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA112DR Datasheet (PDF) - Texas Instruments

TPA112DR Datasheet PDF - Texas Instruments
Part # TPA112DR
Download  TPA112DR Download
File Size   682.45 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150-mW STEREO AUDIO POWER AMPLIFIER

TPA112DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA112DR Datasheet PDF - Texas Instruments

Part # TPA112DR
Download  TPA112DR Click to download

File Size   682.45 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150-mW STEREO AUDIO POWER AMPLIFIER

TPA112DR Datasheet (HTML) - Texas Instruments


TPA112DR Product details

FEATURES
· 150-mW Stereo Output
· Wide Range of Supply Voltages
– Fully Specified for 3.3-V and 5-V Operation
– Operational From 2.5 V to 5.5 V
· Thermal and Short-Circuit Protection compen·
Surface-Mount Packaging
– PowerPAD™ MSOP
– SOIC
· Standard Operational Amplifier Pinout

DESCRIPTION
The TPA112 is a stereo audio power amplifier pack-
aged in an 8-pin PowerPAD™ MSOP package
capable of delivering 150 mW of continuous RMS
power per channel into 8-W loads. Amplifier gain is
externally configured by means of two resistors per
input channel and does not require external compen·
sation for settings of 1 to 10.
THD+N when driving an 8-W load from 5 V is 0.1% at
1 kHz, and less than 2% across the audio band of 20
Hz to 20 kHz. For 32-W loads, the THD+N is reduced
to less than 0.06% at 1 kHz, and is less than 1%
across the audio band of 20 Hz to 20 kHz. For 10-kW
loads, the THD+N performance is 0.01% at 1 kHz,
and less than 0.02% across the audio band of 20 Hz
to 20 kHz.




Similar Part No. - TPA112DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA112DR TI1-TPA112DR Datasheet
1Mb / 32P
150-mW STEREO AUDIO POWER AMPLIFIER
More results


Similar Description - TPA112DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA102 TI-TPA102 Datasheet
416Kb / 23P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
150-mW Stereo Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com